Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8440C Datasheet(PDF) 1 Page - Keystone Electronics Corp.

Part # 8440C
Description  FEMALE THREADED STANDOFFS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSTONE [Keystone Electronics Corp.]
Direct Link  https://www.keyelco.com/index.cfm
Logo KEYSTONE - Keystone Electronics Corp.

8440C Datasheet(HTML) 1 Page - Keystone Electronics Corp.

  8440C Datasheet HTML 1Page - Keystone Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHOICE OF:
Stainless: ASTM A581/A582
Brass: per ASTM-B16
Aluminum: ASTM B211
Nylon V2: 6/6 UL Rated 94V-2
Phenolic: PBE Grade Natural
Plating: Zinc ASTM B633
Plating: Clear Iridite Finish
Nylon V0: 6/6 UL Rated 94V-0
Color Phenolic
FEMALE THREADED STANDOFFS
71
HEX
THREAD
THREAD
L
HEX
O.D.
ROUND
Tel (718) 956-8900 • Fax (718) 956-9040
(800) 221-5510 • kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
NOTE: All standoffs over 1.000 (25.4) are tapped .375 (9.5) min. both ends, except 4-40 standoffs which are tapped .250 (6.4) min.
.156
(3.9)
.187
(4.7)
.250
(6.3)
.250
(6.3)
.250
(6.3)
.156
(3.9)
.187
(4.7)
.250
(6.3)
.250
(6.3)
.250
(6.3)
2-56 THREAD
4-40 THREAD
HEX
ROUND
HEX
NYLON V2
NYLON V0
STAINLESS
BRASS
ALUMINUM
BRASS
ALUMINUM
PHENOLIC
O.D.
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
LENGTH
CAT. NO.
CAT. NO.
CAT. NO.
—
—
—
1798A
1797A
.187 (4.7)
1802A
1801A
—
—
—
—
1798B
1797B
.250 (6.4)
1802B
1801B
—
—
—
—
1798C
1797C
.312 (7.9)
1802C
1801C
—
—
—
—
1798D
1797D
.375 (9.5)
1802D
1801D
—
—
—
—
1450
1891
.250 (6.4)
1547
2025
—
—
—
—
—
1803
1892
.375 (9.5)
1864
2026
—
—
—
—
1656
1893
.500 (12.7)
1657
2027
—
—
—
—
1804
1894
.625 (15.9)
1865
2028
—
—
—
—
1656A
1895
.750 (19.1)
1657A
2029
—
—
—
—
1805
1896
.875 (22.2)
1866
2030
—
—
—
—
1656B
1897
1.000 (25.4)
1657B
2031
—
1902A
8440A
1921
1450A
2201
.250 (6.4)
1547A
3478
376
1902B
8440B
1921A
1450B
2202
.375 (9.5)
1547B
3479
377
1902C
8440C
1921B
1450C
2203
.500 (12.7)
1547C
3480
378
1902F
8440D
—
1829
1808
.625 (15.9)
1867
1839
—
1902D
8440E
1921C
1450D
2204
.750 (19.1)
1547D
3481
379
1902G
8440F
—
1830
1809
.875 (22.2)
1876
1846
—
1902E
8440G
1921D
1450E
2205
1.000 (25.4)
1547E
3482
380
—
—
1921E
1831
2206
1.500 (38.1)
1877
3483
381
—
—
1921F
1832
2207
2.000 (50.8)
1878
3484
382
1903A
8441A
1922
1451A
2208
.250 (6.4)
1548A
3485
383
1903B
8441B
1922A
1451B
2209
.375 (9.5)
1548B
3486
384
1903C
8441C
1922B
1451C
2210
.500 (12.7)
1548C
3487
385
1903F
8441D
—
1451D
1813
.625 (15.9)
1548D
1847
—
1903D
8441E
1922C
1451E
2211
.750 (19.1)
1548E
3488
386
1903G
8441F
—
1833
1816
.875 (22.2)
1879
1848
—
1903E
8441G
1922D
1635
2212
1.000 (25.4)
1548F
3489
387
—
—
—
1636
1818
1.250 (31.8)
1881
1853
—
—
—
1922E
1637
2213
1.500 (38.1)
1882
3490
388
—
—
—
1638
1819
1.750 (44.5)
1883
1855
—
—
—
1922F
1639
2214
2.000 (50.8)
1884
3491
389
—
—
—
1642
1820
2.250 (57.2)
1885
1856
—
—
—
—
1643
1825
2.500 (63.5)
1886
1857
—
1904A
8442A
1923
1474A
2215
.250 (6.4)
1692A
3492
390
1904B
8442B
1923A
1474B
2216
.375 (9.5)
1692B
3493
391
1904C
8442C
1923B
1474C
2217
.500 (12.7)
1692C
3494
392
1904F
8442D
—
1834
1827
.625 (15.9)
1887
1858
—
1904D
8442E
1923C
1474D
2218
.750 (19.1)
1692D
3495
393
1904G
8442F
—
1836
1828
.875 (22.2)
1888
1859
—
1904E
8442G
1923D
1474E
2219
1.000 (25.4)
1692E
3496
394
—
—
1923E
1837
2220
1.500 (38.1)
1889
3497
395
—
—
1923F
1838
2221
2.000 (50.8)
1899
3498
396
—
—
1475A
1822A
1821A
.375 (9.5)
3499A
3500A
468
—
—
1475B
1822B
1821B
.500 (12.7)
3499B
3500B
469
—
—
1475C
1822C
1821C
.625 (15.9)
3499C
3500C
—
—
—
1475D
1822D
1821D
.750 (19.1)
3499D
3500D
470
—
—
1475F
1822F
1821F
1.000 (25.4)
3499F
3500F
471
6-32 THREAD
8-32 THREAD
.312
(7.9)
.312
(7.9)
10-32 THREAD
M60Section4FREV1A-COLOR_9-2011 4/4/13 5:06PM Page71


Similar Part No. - 8440C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8440C ETC2-8440C Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
More results

Similar Description - 8440C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1887 ETC2-1887 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
2093 ETC2-2093 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
2149 ETC2-2149 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
1895 ETC2-1895 Datasheet
230Kb / 1P
THREADED STANDOFFS
1628-2 ETC2-1628-2 Datasheet
336Kb / 1P
SWAGE THREADED STANDOFFS
1858 ETC2-1858 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
8441B ETC2-8441B Datasheet
93Kb / 2P
THREADED STANDOFFS
M1308-3005-N ETC2-M1308-3005-N Datasheet
300Kb / 1P
6mm HEX FEMALE STANDOFFS
logo
RAF ELECTRONIC HARDWARE
1645-440-AL RAF-1645-440-AL Datasheet
133Kb / 1P
3/16 ROUND FEMALE STANDOFFS
1680-440-N RAF-1680-440-N Datasheet
75Kb / 1P
1/4 ROUND FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com