Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-USHT016KX/36 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-USHT016KX/36
Description  MF-USHT Series - PTC Resettable Fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-USHT016KX/36 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-USHT016KX/36 Datasheet HTML 1Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 2Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 3Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 4Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 5Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 6Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 7Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 8Page - Bourns Electronic Solutions MF-USHT016KX/36 Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MF-USHT Series - PTC Resettable Fuses
AUTOMOTIVE
GRADE
Features
n
Compliant with AEC-Q200 Rev-D -
Stress Test Qualification for Passive
Components in Automotive Applications
n
Small footprint size (1210)
n
Operating temperature range up to 125 °C
n
Low thermal derating factor
n
Higher hold currents at elevated
temperatures
n
RoHS compliant*
n
Agency recognition:
n
TÜV certificates include IEC 62319-1,
IEC 60738-1 and IEC 60730-1:2013
clause 15, clause 17 and Annex J
Electrical Characteristics
Model
Vmax Imax
Ihold Itrip
Resistance
Max. Time
To Trip
Tripped
Power
Dissipation
Agency
Recognition
AEC-Q200
Compliant
at 23 °C
at 23 °C Ohms
at 23 °C
Watts at
23 °C
cUL
TÜV
Volts Amps
Amps
Rmin R1max** Amps Sec.
Typ.
E174545 R50384138
MF-USHT010KX
30
20
0.10 0.50
1.0
7.5
2.5
1.5
1.0
3
3
3
MF-USHT010KX/36
36
20
0.10 0.50
1.0
7.5
2.5
1.5
1.0
3
3
3
MF-USHT016KX
30
20
0.16 0.80
0.7
6.0
8.0
0.1
1.0
3
3
3
MF-USHT016KX/36
36
20
0.16 0.80
0.7
6.0
8.0
0.1
1.0
3
3
3
MF-USHT020KX
30
20
0.20 1.00
0.6
5.0
8.0
0.1
1.0
3
3
3
MF-USHT020KX/36
36
20
0.20 1.00
0.6
5.0
8.0
0.1
1.0
3
3
3
MF-USHT035KX
30
20
0.35 1.75
0.4
2.2
8.0
0.1
1.0
3
3
3
MF-USHT050KX
30
20
0.50 2.50
0.3
1.6
8.0
0.1
1.0
3
3
3
MF-USHT075KX
16
20
0.75 3.75
0.1
1.0
8.0
5.0
1.0
3
3
3
MF-USHT075KX/24
24
20
0.75 2.25
0.1
0.68
8.0
0.1
1.3
3
3
3
MF-USHT110KX/16
16
20
1.10 3.30
0.06
0.50
8.0
0.5
1.5
3
3
3
MF-USHT125KX/12
12
40
1.25 3.75
0.03
0.30
8.0
1.0
1.5
3
3
3
MF-USHT150KX/12
12
40
1.50 4.50 0.025
0.25
8.0
1.0
1.5
3
3
3
MF-USHT175KX/12
12
40
1.75 5.25 0.018
0.17
10.0
5.0
1.5
3
3
3
MF-USHT200KX/12
12
40
2.00 6.00 0.015
0.15
10.0
5.0
1.5
3
3
3
**R1Max. measured 24 hours post reflow.
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +125 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+125 °C, 1000 hours
R < R1max
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
R < R1max
Thermal Shock
-40 °C to +125 °C, 20 times
R < R1max
Solvent Resistance
MIL-STD-202, Method 215
No change
(marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if
(a) the Bromine (Br) content is 900 ppm or less; (b)
the Chlorine (Cl) content is 900 ppm or less; and (c)
the total Bromine (Br) and Chlorine (Cl) content is
1500 ppm or less.
Specifications are subject to change without notice.
Users should verify actual device performance in their
specific applications. The products described herein and
this document are subject to specific legal disclaimers as
set forth on the last page of this document, and at
www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!
NEW!


Similar Part No. - MF-USHT016KX/36

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USHT016KX BOURNS-MF-USHT016KX Datasheet
325Kb / 7P
MF-USHT Series - PTC Resettable Fuses
REV. I 05/21
MF-USHT016KX-2 BOURNS-MF-USHT016KX-2 Datasheet
325Kb / 7P
MF-USHT Series - PTC Resettable Fuses
REV. I 05/21
More results

Similar Description - MF-USHT016KX/36

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-USHT BOURNS-MF-USHT Datasheet
325Kb / 7P
MF-USHT Series - PTC Resettable Fuses
REV. I 05/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com