Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS11P Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCS11P
Description  Compact Relay Bases UL 94-V0 Rated Nylon
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCS11P Datasheet(HTML) 2 Page - Multicomp Pro

  MCS11P Datasheet HTML 1Page - Multicomp Pro MCS11P Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compact Relay Bases
UL 94-V0 Rated Nylon
Page <2>
09/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Specifications:
Contact Load
: 250 V ac at 10 A (MCCDSR types)
: 250 V ac at 10 A (MCS8P / MCS11P)
: 250 V ac at 10 A (MCS8F / MCS11F)
Insulation
: >103 M
Dielectric Strength
: 2 K V
Fixings
: M3 screws or DIN-rail EN50022
Material
: Nylon PA6
Weight
: CDSR types
: 45 g
Specification Table
Type
Mounting
No Pins
Terminals
Part Number
Part Number
Sockets
Panel
8
Rear Screw
MCCDSR08
11
MCCDSR11
Panel / DIN rail
8
Front Screw
MCS8P
11
MCS11P
Free
8
Solder
MCS8F
11
MCS11F
Cover*
-
-
-
MCFWSP
*To Suit S8P and S11P.
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Features:
• This range of compact sockets manufactured nylon PA6 and can be DIN-rail, panel or chassis mounted products
• The sockets are suitable for use with tempatron 8 and 11 pin timers and process controllers
• All screw terminals are shrouded and finger proofed to maximise safety
• Terminals are rated at 5 A and 10 A at 250 V ac depending on type



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com