Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD Datasheet(PDF) 2 Page - Novaris

Part # SLD
Description  SLD - Signal Line Protectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NOVARIS [Novaris]
Direct Link  http://www.novaris.com.au/
Logo NOVARIS - Novaris

SLD Datasheet(HTML) 2 Page - Novaris

  SLD Datasheet HTML 1Page - Novaris SLD Datasheet HTML 2Page - Novaris  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Specifications
www.novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Novaris has a policy of continuing product development, therefore specifications are subject to change without notice. Copyright: © 2016 Novaris Pty Ltd
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
72 Browns Road, Kingston Tasmania 7050 Australia
Phone +61 3 6229 7233 Fax +61 3 6229 9245 E-mail sales@novaris.com.au
Model
SLDx-7v5
SLDx-18
SLDx-36
SLDx-68
SLDx-485
SLDx-DH
SLDx-PSTN
Electrical Specifications
Connection Type
Series
Series
Series
Series
Series
Series
Series
Number of lines
x = 1 → 1 pair
x = 2 → 2 pairs
x = 4 → 4 pairs
Modes of protection
Transverse and common mode
Maximum continuous voltage (DC)
U
c
7 V
16 V
34 V
65 V
8 V
34 V
200 V
Maximum continuous voltage (AC)
U
c
5 V
11 V
24 V
46 V
6 V
24 V
–
Maximum discharge current (8/20 µs)
I
max
10 kA per line (20 kA common mode)
Maximum discharge current (10/350 µs) I
imp
1.25 kA per line (2.5 kA common mode)
Impulse durability
C2 10 x 10 kA 8/20 µs
D1 2 x 2.5 kA 10/350 µs
Maximum load current
I
L
250 mA
250 mA
250 mA
250 mA
500 mA
500 mA
250 mA
L-L Voltage protection level @ 1 kV/ µs
U
p
10 V
20 V
39 V
70 V
19 V
47 V
370 V
L-L Voltage protection level @ 3 kA 8/20 µs U
p
11 V
21 V
40 V
72 V
14 V
47 V
L-L Voltage protection level @ 100 V/ s
8 V
18 V
36 V
68 V
10 V
38 V
360 V
L-PE Voltage protection level @ 1 kV/ µs
U
p
10 V
20 V
39 V
70 V
19 V
47 V
370 V
L-PE Voltage protection level @ 3 kA 8/20 µs U
p
11 V
21 V
40 V
72 V
14 V
47 V
L-PE Voltage protection level @ 100 V/ s
8 V
18 V
36 V
68 V
10 V
38 V
360 V
AC durability
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
5 x 1 s, 1 Arms
Overstressed fault mode
Mode 3 (open circuit)
Response time
t
A
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
< 5 ns
Line resistance
8.2 Ω
8.2 Ω
8.2 Ω
8.2 Ω
3.9 Ω
3.9 Ω
8.2 Ω
Line inductance
33 µH
33 µH
33 µH
33 µH
< 1 µH
< 1 µH
< 1 µH
L-L capacitance
11 nF
6 nF
5 nF
4 nF
19 pF
18 pF
148 pF
L-PE capacitance
11 nF
6 nF
5 nF
4 nF
25 pF
25 pF
158 pF
Insertion loss @ 150 Ω
< 0.5 dB
(< 70 kHz)
< 0.5 dB
(< 120 kHz)
< 0.5 dB
(< 150 kHz)
< 0.5 dB
(< 150 kHz)
< 0.5 dB
(< 50 MHz)
< 0.5 dB
(< 50 MHz)
< 0.5 dB
(< 5 MHz)
3 dB Frequency @ 150 Ω
f
c
< 260 kHz
< 360 kHz
450 kHz
460 kHz
100 MHz
100 MHz
20 MHz
Mechanical Specifications
Operating temperature
-40 to +85 ºC
Humidity Range
5 to 95% non-condensing
Connection type / capacity
2.5 mm2 via pluggable connectors
Terminal screw torque
0.5 Nm
Environmental
IP 20/ Indoor
Dimensional Drawing
see Dimensions
Mounting
TS35 DIN rail
Earthing
- Direct earth connection via DIN rail and screw terminals standard
- 90 V isolation between DIN rail earth and shield with -EC90 option
Enclosure / Colour
Metal / black
Standards
IEC 61643-21:2012
SPD connected to telecommunications and signalling networks - Cat C2, D1
AS/NZS 1768:2007
Signalling/Telecommunications surge protection
UL 1449 3rd edition & UL 497B
Protectors for data communications and fire-alarm circuits
ITU-T K.44: 2012
Resistibility tests for telecommunication equipment exposed to overvoltages and overcurrents
AS/CA S008:2010
Requirements for Customer Cabling Products
AS/NZS 4117:1999
Surge Protective Devices for Telecommunications Applications
Shipping
Weight
x = 1 → 250 g
x = 2 → 300 g
x = 4 → 400 g
Customs Tariff
85363000
85363000
85363000
85363000
85363000
85363000
85363000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com