Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54ABT8543 Datasheet(PDF) 21 Page - Texas Instruments

Part # SN54ABT8543
Description  SCAN TEST DEVICES WITH OCTAL REGISTERED BUS TRANSCEIVERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN54ABT8543 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN54ABT8543 Datasheet HTML 17Page - Texas Instruments SN54ABT8543 Datasheet HTML 18Page - Texas Instruments SN54ABT8543 Datasheet HTML 19Page - Texas Instruments SN54ABT8543 Datasheet HTML 20Page - Texas Instruments SN54ABT8543 Datasheet HTML 21Page - Texas Instruments SN54ABT8543 Datasheet HTML 22Page - Texas Instruments SN54ABT8543 Datasheet HTML 23Page - Texas Instruments SN54ABT8543 Datasheet HTML 24Page - Texas Instruments SN54ABT8543 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
SN54ABT8543, SN74ABT8543
SCAN TEST DEVICES WITH
OCTAL REGISTERED BUS TRANSCEIVERS
SCBS120E – AUGUST 1991 – REVISED JULY 1996
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (normal mode) (see Figure 13)
SN54ABT8543
SN74ABT8543
UNIT
MIN
MAX
MIN
MAX
UNIT
tw
Pulse duration
LEAB or LEBA high or low
3
3
ns
tsu
Setup time
A before LEAB
↑ or B before LEBA↑
3.5
3
ns
th
Hold time
A after LEAB
↑ or B after LEBA↑
1.5
0.5
ns
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (test mode) (see Figure 13)
SN54ABT8543
SN74ABT8543
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
TCK
0
50
0
50
MHz
tw
Pulse duration
TCK high or low
5
5
ns
A or B or CE or LE or OE before TCK
↑
6
5
tsu
Setup time
TDI before TCK
↑
6.5
6
ns
TMS before TCK
↑
6
6
A or B or CE or LE or OE after TCK
↑
0.5
0
th
Hold time
TDI after TCK
↑
0
0
ns
TMS after TCK
↑
0
0
td
Delay time
Power up to TCK
↑
50*
50
ns
tr
Rise time
VCC power up
1*
1
µs
* On products compliant to MIL-PRF-38535, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com