Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX7042KB Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX7042KB
Description  1U Keyboard Drawer with Touch Pad
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX7042KB Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX7042KB Datasheet HTML 1Page - Axiomtek Co., Ltd. AX7042KB Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Min
Average
Max
Conditions
Trackpad Size
55 mm x 65 mm
Weight
0.41kg
Mouse Buttons Inputs
2 debounced active low switch inputs are provided on
the connector
Resolution
170+/-10%
153DPI
170DPI
187DPI
Max. Tracking Speed
250 cm/s
Linearity
+10%
+10%
Interface Protocol
USB
Supply Voltage
5VDC +/-10%
4.5V
5V
5.5V
white noise
Supply Ripple
100 mV rms
Vcc = 5V
Power Consumption
7mA
10mA
IEC801-2
Operating Temperature
0°C
+50°C
Storage Temperature
-40°C
+70°C
Non-condensing
Relative Humidity
5%
95%
Static Load
9.8N
2.5N
Tapping
1 million cycles
0.5N
Abrasion
1 million cycles
Dimensions
483.4±1.0 mm (19.03") (W) x 372.0±1.0 mm (14.64") (D)
x 44±1.0 mm (1.73") (H)
AX7042KB
1U Keyboard Drawer with Touch Pad
Features
● 19" rackmount drawer meets the EIA RS-310C standard
● Integrated keyboard and designed touch pad for ease of
operation
● Compact and slim-sized design with a 90-key layout (including
touch pad)
● High quality rubber-membrane key switch
● Drawer standard color: black
● Keyboard standard color: black (English only)
● Rugged slide rail and USB cable for Keyboard & touch pad
NEW
Specifications
Zoom view
© 2024 Axiomtek Co., Ltd. All rights reserved.
www.axiomtek.com
Updated Apr. 29, 2024.


Similar Part No. - AX7042KB

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042 Datasheet
164Kb / 1P
Integrated keyboard
AX7042T AXIOMTEK-AX7042T Datasheet
164Kb / 1P
Integrated keyboard
AX7042T AXIOMTEK-AX7042T Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
AX7042T-PAD AXIOMTEK-AX7042T-PAD Datasheet
164Kb / 1P
Integrated keyboard
AX7042T-PAD AXIOMTEK-AX7042T-PAD Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
More results

Similar Description - AX7042KB

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042_16 Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
AX69158 AXIOMTEK-AX69158 Datasheet
172Kb / 1P
1U 15 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
AX69178 AXIOMTEK-AX69178 Datasheet
126Kb / 1P
1U 17 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
logo
Advantech Co., Ltd.
96KBM-1C ADVANTECH-96KBM-1C Datasheet
557Kb / 1P
1U Short Depth Keyboard Drawer
96KVM-H17V1U-XX ADVANTECH-96KVM-H17V1U-XX Datasheet
100Kb / 1P
1U 17 FHD LCD Console Drawer
96KVM-H17V8U-XX ADVANTECH-96KVM-H17V8U-XX Datasheet
207Kb / 1P
1U 17 FHD LCD KVM Drawer
96KVM-R17V1C-XX ADVANTECH-96KVM-R17V1C-XX Datasheet
96Kb / 1P
1U 17 LCD Console Drawer
96KVM-R19V8C-XX ADVANTECH-96KVM-R19V8C-XX Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
RK-1 ADVANTECH-RK-1 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
96KVM-R19V1C-XX ADVANTECH-96KVM-R19V1C-XX Datasheet
98Kb / 1P
1U 19 LCD Console Drawer
2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com