Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA1004SA1-R8000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FA1004SA1-R8000
Description  FPC connector, One-action LIF structure (non-sliding point of contact), 4 pos., 0.5 mm pitch, 0.9 mm height
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FA1004SA1-R8000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FA1004SA1-R8000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FA1004SA1-R8000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FA1004SA1-R8000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FA1004SA1-R8000
Features
FPC connector, One-action LIF structure (non-sliding point of contact), 4 pos., 0.5 mm pitch, 0.9 mm height
Part Number
FA1004SA1-R8000
Status
Active(NRND)
Number of Positions
4 pos.
Contact Pitch (mm)
0.5
Rated Current (A)
0.5
FPC Entry Angle
Top and bottom-surface connection
ZIF/ Non-ZIF/ LIF
LIF
Applicable FPC Thickness
(mm)
0.2±0.03
PCB Mounting Method
Soldering (SMT)
Staggered Pattern
No
Material of Contact
Copper Alloy
Finish of Contact in Connecting
Area
Partial Gold plating over Nickel
Finish of Contact in PCB
Mounting Area
Partial Gold plating over Nickel
Material of Housing
Heat-resistant resin
Product Details


Similar Part No. - FA1004SA1-R8000

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA1000-62-85A1-0024A GLENAIR-FA1000-62-85A1-0024A Datasheet
6Mb / 18P
The Glenair Eye-Beam??Fiber Optic Revolution
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
More results

Similar Description - FA1004SA1-R8000

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
0.5 mm-Pitch Rotary-Lock FPC Connector
XF2M OMRON-XF2M Datasheet
240Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2M_1011 OMRON-XF2M_1011 Datasheet
192Kb / 4P
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
logo
Hirose Electric
FH39 HIROSE-FH39 Datasheet
149Kb / 1P
0.3 mm Pitch, 1.1 mm Height, Top/Bottom Contact, Back Flip FPC Connector
ITS-P-10002FH HIROSE-ITS-P-10002FH Datasheet
361Kb / 1P
0.5 mm Pitch, 2 mm Height, Robust FPC/FFC Connector
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
0.5 mm-Pitch Vertical FPC Connector
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
FH35C HIROSE-FH35C Datasheet
368Kb / 12P
0.3 mm pitch, 0.9 mm height, back flip type dual-sided FPC connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com