Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FF0851SA1-R3000 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FF0851SA1-R3000
Description  FPC connector, ZIF (Zero Insertion Force) type, 51 pos., 0.2 mm pitch, 1 mm height , Standard mounting type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FF0851SA1-R3000 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FF0851SA1-R3000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FF0851SA1-R3000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FF0851SA1-R3000
Features
FPC connector, ZIF (Zero Insertion Force) type, 51 pos., 0.2 mm pitch, 1 mm height , Standard mounting type
Part Number
FF0851SA1-R3000
Status
Pending Obsolescence
Number of Positions
51 pos.
Contact Pitch (mm)
0.2 mm
Rated Current (A)
0.3 A
Connector Type
Standard mounting type
PCB Mounted Height (mm)
1
FPC Entry Angle
Right-angle (Lower-side contact)
ZIF/ Non-ZIF/ LIF
ZIF
Applicable FPC Thickness
(mm)
0.15 ± 0.02
Mounting Method
Soldering (SMT)
Staggered Pattern
Applicable
Material of Contact
Copper alloy
Finish of Contact in Connecting
Area
Partial Gold plating over Nickel
Material of Housing
Heat resisting plastics
Product Details


Similar Part No. - FF0851SA1-R3000

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FF0851SA1 JAE-FF0851SA1 Datasheet
129Kb / 2P
FPC connector, ZIF (Zero Insertion Force) type, 51 pos., 0.2 mm pitch, 1 mm height , Standard mounting type
More results

Similar Description - FF0851SA1-R3000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
Zero Insertion Force
DLD ITT-DLD Datasheet
78Kb / 1P
Zero Insertion Force
DLM ITT-DLM Datasheet
87Kb / 1P
Zero Insertion Force
logo
Aries Electronics, Inc.
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
24-516-10 ARIES-24-516-10 Datasheet
611Kb / 1P
Lo-PRO짰file ZIF (Zero-Insertion-Force) Socket
logo
Yamaichi Electronics Co...
NP89-12110-G4-BF YAMAICHI-NP89-12110-G4-BF Datasheet
205Kb / 2P
Pin Grid Array / Zero Insertion Force (PGA / ZIF)
NP161-19604-G4-BF YAMAICHI-NP161-19604-G4-BF Datasheet
77Kb / 1P
Pin Grid Array / Zero Insertion Force (PGA / ZIF)
logo
Japan Aviation Electron...
FR02C023JA1-R5000 JAE-FR02C023JA1-R5000 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
FR02 JAE-FR02 Datasheet
241Kb / 5P
0.2 mm Pitch, 0.82mm Mating Height FPC Connector
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
1 mm Contact Spacing, ZIF Type Board To FPC Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com