Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVC Datasheet(PDF) 1 Page - Nichicon corporation

Part # UVC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVC Datasheet(HTML) 1 Page - Nichicon corporation

  UVC Datasheet HTML 1Page - Nichicon corporation UVC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UVC Ultra-Miniature-Sizedforadapters.
One rank smaller case sizes than UVY.
Suited for adapter circuit.
Compliant to the RoHS directive (2011/65/EU,(EU)2015/863).
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
※
Tangent of loss angle (tan δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
Performance Characteristics
Item
–40 to +105˚C
400V
4.7 to 18µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
UVC
Rated voltage
(V)
tan δ (max.)
400
0.25
Measurement frequency : 120Hz, at 20˚C
Measurement frequency : 120Hz
Z(–25˚C) / Z(+20˚C)
Z(–40˚C) / Z(+20˚C)
Rated voltage
(V)
Impedance ratio
(max.)
400
6
10
The specifications listed at right shall be met when
the capacitors are restored to 20°C after D.C. bias
plus rated ripple current is applied for 2000 hours at
105°C, the peak voltage shall not exceed the rated
voltage.
UVY
After 1 minute's application of rated voltage at 20°C, I = 0.04CV+100 (µA) or less
Leakage current
tan δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±25% of the initial capacitance value
Smaller
Radial Lead Type
Type numbering system (Example : 400V 15µF)
U
1
V
2
C
3
2
4
G
5
1
6
5
7
0
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (±20%)
Rated capacitance (15µF)
Rated voltage (400V)
Series name
Type
φD
P
φd
8
3.5
0.6
10
5.0
0.6
Pressure
relief vent
15MIN
4MIN
φd
L+ MAX
(L =11.5) 1.5
(L 12.5) 2.0
φ D
8 · 10
Pb-free leadwire
Pb-free PET sleeve
PD
Configuration
Sleeve (P.E.T.)
(mm)
U
1
V
2
C
3
2
4
G
5
1
6
5
7
0
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (20%)
Rated capacitance (15F)
Rated voltage (400V)
Series name
Type
φD
P
φd
8
3.5
0.6
10
5.0
0.6
Pressure
relief vent
15min.
4min.
φd
L±
(L =11.5) 1.5
(L 12.5) 2.0
φ D
8 · 10
Pb-free leadwire
Pb-free PET sleeve
PD
Configuration
Sleeve (PET)
(mm)
U
1
V
2
C
3
2
4
G
5
1
6
5
7
0
8
M
9
P
10
D
11
Configuration
Capacitance tolerance (20%)
Rated capacitance (15F)
Rated voltage (400V)
Series name
Type
φD
P
φd
8
3.5
0.6
10
5.0
0.6
Pressure
relief vent
15MIN
4MIN
φd
L+ MAX
(L =11.5) 1.5
(L 12.5) 2.0
φ D
8 · 10
Pb-free leadwire
Pb-free PET sleeve
PD
Configuration
Sleeve (P.E.T.)
(mm)
Cap.(µF)
4.7 to 8.2
10 to 18
50Hz
120Hz
500Hz
1 kHz
10kHz or more
0.65
1.00
1.20
1.30
1.50
0.80
1.00
1.20
1.30
1.50
Frequency
Frequency coefficient of rated ripple current
Dimension table in next page.
Please refer to the Guidelines for Aluminum Electrolytic Capacitors
for end seal configuration information.
Products which are scheduled to be discontinued.
Not recommended for new designs.
※ I : Leakage Current (µA), C : Rated Capacitance (µF), V : Rated Voltage (V)
CAT.8100N


Similar Part No. - UVC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVC MTRONPTI-UVC Datasheet
267Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
logo
Roithner LaserTechnik G...
UVC-265 ROITHNER-UVC-265 Datasheet
398Kb / 3P
UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations
logo
Unity Opto Technology
UVC-5623 UOT-UVC-5623 Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623E UOT-UVC-5623E Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623G UOT-UVC-5623G Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com