Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8013AEVAL2Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ISL8013AEVAL2Z
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8013AEVAL2Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ISL8013AEVAL2Z Datasheet HTML 7Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 8Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL8013AEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ISL8013A
FN7526 Rev 2.01
Page 11 of 17
Dec 3, 2021
FIGURE 26. SOFT-START AT FULL LOAD
FIGURE 27. SOFT-DISCHARGE SHUTDOWN
FIGURE 28. STEADY STATE OPERATION AT NO LOAD WITH
FREQUENCY = 2MHz
FIGURE 29. STEADY STATE OPERATION AT FULL LOAD WITH
FREQUENCY = 2MHz
FIGURE 30. STEADY STATE OPERATION AT NO LOAD WITH
FREQUENCY = 4MHz
FIGURE 31. STEADY STATE OPERATION AT FULL LOAD (PWM)
WITH FREQUENCY = 4MHz
Typical Operating Performance Unless otherwise noted, operating conditions are: TA = +25°C, VIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A. (Continued)
VOUT 0.5V/DIV
IL 1A/DIV
EN 5V/DIV
PG 5V/DIV
VOUT 0.5V/DIV
IL 1A/DIV
EN 5V/DIV
PG 5V/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
SYNCH 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com