Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8117AEVAL2Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL8117AEVAL2Z
Description  Synchronous Step-Down PWM Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8117AEVAL2Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL8117AEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL8117AEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ISL8117A
FN8752 Rev 1.00
Page 21 of 23
Feb 26, 2024
The maximum capacitor value required to provide the full, rising
step, transient load current during the response time of the
inductor is shown in Equation 27:
Where COUT is the output capacitor(s) required, LO is the output
inductor, ITRAN is the transient load current step, VIN is the input
voltage, VO is output voltage and DVOUT is the drop in output
voltage allowed during the load transient.
High frequency capacitors initially supply the transient current
and slow the load rate of change seen by the bulk capacitors. The
bulk filter capacitor values are generally determined by the ESR
(Equivalent Series Resistance) and voltage rating requirements
as well as actual capacitance requirements.
The output voltage ripple is due to the inductor ripple current and
the ESR of the output capacitors as defined by Equation 28:
Where IL is calculated in Equation 26.
High frequency decoupling capacitors should be placed as close
to the power pins of the load as physically possible. Be careful
not to add inductance in the circuit board wiring that could
cancel the usefulness of these low inductance components.
Consult with the manufacturer of the load circuitry for specific
decoupling requirements.
Use only specialized low-ESR capacitors intended for switching
regulator applications for the bulk capacitors. In most cases,
multiple small case electrolytic capacitors perform better than a
single large case capacitor.
In conclusion, the output capacitors must meet the following
criteria:
1. They must have sufficient bulk capacitance to sustain the
output voltage during a load transient while the output
inductor current is slewing to the value of the load transient.
2. The ESR must be sufficiently low to meet the desired output
voltage ripple due to the output inductor current.
The recommended output capacitor value for the ISL8117A is
between 100µF to 680µF, to meet the stability criteria with
external compensation. Use of aluminum electrolytic (POSCAP)
or tantalum type capacitors is recommended. Use of low ESR
ceramic capacitors is possible with loop analysis to ensure
stability.
Input Capacitor Selection
The important parameters for the input capacitor(s) are the
voltage rating and the RMS current rating. For reliable operation,
select input capacitors with voltage and current ratings above the
maximum input voltage and largest RMS current required by the
circuit. The capacitor voltage rating should be at least 1.25x
greater than the maximum input voltage and 1.5x is a
conservative guideline. The ACRMS input current varies with the
load giving in Equation 29:
Where DC is duty cycle of the PWM.
The maximum RMS current supplied by the input capacitance
occurs at VIN = 2 x VOUT, DC = 50% as shown in Equation 30:
Use a mix of input bypass capacitors to control the voltage ripple
across the MOSFETs. Use ceramic capacitors for the high
frequency decoupling and bulk capacitors to supply the RMS
current. Small ceramic capacitors can be placed very close to the
MOSFETs to suppress the voltage induced in the parasitic circuit
impedances.
Solid tantalum capacitors can be used, but caution must be
exercised with regard to the capacitor surge current rating. These
capacitors must be capable of handling the surge current at
power-up.
COUT
LO
ITRAN
2
2 VIN VO
–
DVOUT
-----------------------------------------------------------
=
(EQ. 27)
VRIPPLE IL ESR
=
(EQ. 28)
IRMS
DC DC2
–
IO
=
(EQ. 29)
IRMS
1
2
--- IO
=
(EQ. 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com