Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRD-3DP4 Datasheet(PDF) 3 Page - Tyco Electronics

Part # PRD-3DP4
Description  10 to 50 Amp Heavy Duty AC or DC Power Rela
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PRD-3DP4 Datasheet(HTML) 3 Page - Tyco Electronics

  PRD-3DP4 Datasheet HTML 1Page - Tyco Electronics PRD-3DP4 Datasheet HTML 2Page - Tyco Electronics PRD-3DP4 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
813
P&B
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Catalog 1308242
Issued 3-03 (PDF Rev. 1-07)
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
2.28 MAX.
(57.9)
.375
(9.53)
.31
(7.9)
1.875
(47.63)
2.50
(63.5)
2.5 MAX.
(64)
.81
(20.6)
.59 MAX.
(15.0)
BOX LUG
CONNECTOR
.875 MAX.
(22.23)
1.687
(42.85)
3.375 MAX.
(85.73)
.31
(7.9)
1.875
(47.63)
2.51 MAX.
(63.8)
DIMENSIONS APPLY TO
PRD 11 AND PRDA 11
1
2
3
4
5
6
7
8
4.250 MAX.
(107.95)
3.00
(76.2)
.375
(9.53)
2.50 MAX.
(63.5)
3.375 MAX.
(85.73)
W/O AUX SWITCH
.375
(9.53)
2.23
(56.6)
3.375
(85.73)
2.28 MAX.
(57.9)
2.50 MAX.
(63.5)
On PRD7
2
4
6
3
1
5
DIMENSIONS APPLY TO
PRD 1, 3, 5, & 7
.187 + .005
– .003
4.75 + .13
– .08
1.875
(47.63)
2.51 MAX.
(63.75)
.31
(7.9)
2.5 MAX.
(63.3)
.81
(20.6)
.875 MAX.
(22.23)
PRD/PRDA Small Base - Top View
PRD/PRDA Large Base - Top View
50 Amp PRD
3.38 MAX.
(85.9)
3.13 MAX.
(79.5)
.97
(24.64)
.093
(2.36)
.75
(19.1)
1.50
(38.1)
4
KNOCKOUT HOLES
2 KNOCKOUT HOLES EACH END
.88 DIA.
(22.4)
2.56
(65.0)
.937
(23.86)
1.875
(47.63)
4.125
(104.77)
5.31 MAX.
(134.9)
.50
(12.7)
.218 DIA.
(5.54)
3 MTG. HOLES
5.125
(130.18)
2.06
(52.3)
.687
(17.45)
.812
(20.62)
1.625
(41.28)
4 HOLES
TAPPED
#8-32
35D013 Dust Cover
PRD dust cover has a
steel base with knockouts
for 0.5” (12.7mm) dia.
conduit and a cover fitted
with two screws. Fits PRD
relays, except with auxi-
liary contacts. Finished in
gray baked enamel.
Mounting:
Three No. 10 holes on
1.875” (47.63mm) x
4.125” (104.77mm)
centers.
2.5 MAX.
(63.5)
W/O AUX SWITCH
COIL
COIL
COIL
5
6
2
1
(
)
2 MTG. HOLES
DIA.
.187 + .005
– .003
4.75 + .13
– .08
(
)
2 MTG. HOLES
DIA.
.187 + .005
– .003
4.75 + .13
– .08
(
)
2 MTG. HOLES
DIA.
Outline Dimensions
PRD Magnetic Blow-Out Drawings
PRD3 with Magnetic Blow-Out
PRD7 with Magnetic Blow-Out
PRD11 with Magnetic Blow-Out
Dust Cover Open
-
+
-
-
-
+
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
POLARITY
MARKING
POLARITY
MARKING
POLARITY
MARKING
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
THIS SIDE OF MAGNET
ATTRACTS NORTH SEEKING
POLE OF COMPASS.
Note: Additional unused holes may be present in dust cover base.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com