Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R40 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # FT-R40
Description  Digital Fiber Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FT-R40 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button FT-R40 Datasheet HTML 8Page - Panasonic Semiconductor FT-R40 Datasheet HTML 9Page - Panasonic Semiconductor FT-R40 Datasheet HTML 10Page - Panasonic Semiconductor FT-R40 Datasheet HTML 11Page - Panasonic Semiconductor FT-R40 Datasheet HTML 12Page - Panasonic Semiconductor FT-R40 Datasheet HTML 13Page - Panasonic Semiconductor FT-R40 Datasheet HTML 14Page - Panasonic Semiconductor FT-R40 Datasheet HTML 15Page - Panasonic Semiconductor FT-R40 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
179 DigitalFiberSensorFX-410SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
I/O CIRCUIT DIAGRAMS
FX-41□
NPN output type
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 50 mA max., if five amplifiers, or more, are connected together.
Tr
D
ZD
100 mA max. (Note 2)
(Blue) 0 V (Note 1)
(Brown) +V (Note 1)
(Black) Output
Color code of quick-connection cable
Users’ circuit
Internal circuit
Load
12 to 24 V DC
±10 %
+
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 50 mA max., if five amplifiers, or more, are connected together.
100 mA max. (Note 2)
(Black) Output
(Blue) 0 V (Note 1)
12 to 24 V DC
±10 %
+
(Brown) +V (Note 1)
Users’ circuit
Internal circuit
D
ZD
Tr
Load
Color code of quick-connection cable
FX-41□P
PNP output type
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : PNP output transistor
PRECAUTIONS FOR PROPER USE
Refer to p.1458~ for general precautions.
• Never use this product as a sensing device
for personnel protection.
• In case of using sensing devices for
personnel protection, use products which
meet laws and standards, such as OSHA,
ANSI or IEC etc., for personnel protection
applicable in each region or country.
Mounting
• Make sure that the power supply is off while
connecting / disconnecting the amplifiers and the
quick-connection cables.
How to mount the amplifier
Fit the rear part of the mounting section
of the amplifier on a width DIN rail.
Press down the rear part of the
mounting section of the unit on the
width DIN rail and fit the front part of
the mounting section to the DIN rail. 35 mm 1.378 in width DIN rail
How to remove the amplifier
Push the amplifier forward.
Lift up the front part of the amplifier
to remove it.
Note: Take care that if the front part is lifted without pushing the amplifier
forward, the hook on the rear portion of the mounting section is likely
to break.
Operation indicator (Orange)
Stability indicator (Green)
Operation mode switch
Setting switch
Threshold value adjuster
Digital display (Red)
•Incident light intensity
Digital display (Green)
•Threshold value
(RUN mode)
(RUN mode)
• Make sure that the power supply is off while wiring.
• Verify that the supply voltage variation is within the rating.
• Take care that if a voltage exceeding the rated range is
applied, or if an AC power supply is directly connected,
the product may get burnt or damaged.
• In case noise generating equipment (switching regulator,
inverter motor, etc.) is used in the vicinity of this
product, connect the frame ground (F.G.) terminal of the
equipment to an actual ground.
• If power is supplied from a commercial switching
regulator, ensure that the frame ground (F.G.) terminal of
the power supply is connected to an actual ground.
• Take care that short circuit of the load wrong wiring may
burn or damage the product.
• Do not run the wires together with high-voltage lines or
power lines or put them in the same raceway. This can
cause malfunction due to induction.
• Extension up to total 100 m 328.084 ft (if 5 to 8 units are
connected in cascade: 50 m 164.042 ft, if 9 to 16 units
are connected in cascade: 20 m 65.617 ft) is possible
with 0.3 mm2, or more, cable. However, in order to
reduce noise, make the wiring as short as possible.
• Take care that cable extension increases the residual
voltage.
Wiring
Part description
Fiber installation
• Insert the fiber into the amplifier after attaching the
attachment. Refer to the "Instruction Manual" included
with the fiber for details.
Push the fiber lock lever down.
Slowly insert the fiber into the insertion
slot until it stops. (Note 1)
Push the fiber lock lever back up until
it stops.
Notes: 1) Note that if the fiber is not fully inserted, the sensing distance will
decrease. Also note that the flexible fiber may bend during insertion.
2) In case of coaxial reflective type fibers, mount the central
fiber (single-core) to the emitter part and the peripheral fiber
(multi-core) to the receiver. Note that sensing precision will
deteriorate when done in reverse.
Fiber
Fiber lock
lever



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com