Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAXUSB00 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # PAXUSB00
Description  1/8 DIN ANALOG INPUT PANEL METERS
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

PAXUSB00 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  PAXUSB00 Datasheet HTML 1Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 2Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 3Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 4Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 5Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 6Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 7Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 8Page - Red Lion Controls. Inc PAXUSB00 Datasheet HTML 9Page - Red Lion Controls. Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
Ordering Information ................... 2
General Meter Specifications ............. 3
Universal DC Input Panel Meter ........... 4
Process Input Panel Meter ............... 4
AC True RMS Voltage and Current Meter. . . . 5
Strain Gage Input Panel Meter ............ 5
Thermocouple and RTD Input Meter ....... 6
Optional Plug-In Cards .................. 7
Installing the Meter ..................... 8
Setting the Jumpers .................... 8
Installing Plug-In Cards ................. 10
Wiring the Meter ...................... 11
Reviewing the Front Buttons and Display... 14
Programming the Meter. . . . . . . . . . . . . . . . . 15
Factory Service Operations ............. 29
Parameter Value Chart ................. 31
Programming Overview ................ 33
Table Of COnTenTs
Ordering infOrmaTiOn
PAX
0
0
D - DC Volt/ Current Input
P - Process Input
H - AC True RMS Volt/Current Input *
S - Strain Gage/Bridge Input
T - Thermocouple and RTD Input
0 - Red, Sunlight Readable Display
1 - Green Display
0 - 85 to 250 VAC
1 - 11 to 36 VDC, 24 VAC
* PAXH is only available with 85-250 VAC power supply.
Meter Part Numbers
Option Card and Accessories Part Numbers
TYPE
MODEL NO.
DESCRIPTION
PART NUMBER
Optional
Plug-In
Cards
PAXCDS
Dual Setpoint Relay Output Card
PAXCDS10
Quad Setpoint Relay Output Card
PAXCDS20
Quad Setpoint Sinking Open Collector Output Card
PAXCDS30
Quad Setpoint Sourcing Open Collector Output Card
PAXCDS40
PAXCDC
RS485 Serial Communications Card with Terminal Block
PAXCDC10
Extended RS485 Serial Communications Card with Dual RJ11 Connector
PAXCDC1C
RS232 Serial Communications Card with Terminal Block
PAXCDC20
Extended RS232 Serial Communications Card with 9 Pin D Connector
PAXCDC2C
DeviceNet Communications Card
PAXCDC30
Modbus Communications Card
PAXCDC40
Extended Modbus Communications Card with Dual RJ11 Connector
PAXCDC4C
Profibus-DP Communications Card
PAXCDC50
PAXCDL
Analog Output Card
PAXCDL10
PAXUSB
PAX USB Programming Card (Not included in PAX product UL E179259 file)
PAXUSB00
Accessories
CBLUSB
USB Programming Cable Type A-Mini B
CBLUSB01
ICM8
Ethernet Gateway
ICM80000
PAXLBK
Units Label Kit Accessory (Not required for PAXT)
PAXLBK10
SFCRD *
Crimson PC Configuration Software for Windows 98, ME, 2000 and XP
SFCRD200
* Crimson® software is available for free download from http://www.redlion.net/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com