Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVTRANSFER-R Datasheet(PDF) 3 Page - Coherent Corp

Part # UVTRANSFER-R
Description  Production Systems for microLED Repair Processes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

UVTRANSFER-R Datasheet(HTML) 3 Page - Coherent Corp

  UVTRANSFER-R Datasheet HTML 1Page - Coherent Corp UVTRANSFER-R Datasheet HTML 2Page - Coherent Corp UVTRANSFER-R Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2025 Coherent Corp.
Legal notices : coherent.com/legal
sales@coherent.com
www.coherent.com
UVtransfer R
VISIBLE AND INVISIBLE LASER RADIATION.
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION.
CLASS IV LASER RADIATION PRODUCT
PER EN/IEC 60825-1 (2014)
MAX. OUTPUT POWER: 3600 W
MAX. OUTPUT ENERGY: 6 J/pulse
PULSE DURATION: 10 to 200 ns
WAVELENGTH: 355 nm
Additional Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com