Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICO110 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # ICO110
Description  DIN-Rail Fanless Embedded System with Intel® Celeron® Processor N3350, COM, 2 LAN, 4 USB, HDMI, and Wide Temperature Support
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO110 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  ICO110 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO110 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* All specifications and photos are subject to change without notice.
x86-based DIN-rail Embedded Systems
4
Specifications
Dimensions
Vibration Endurance
2 Gms with storage (5 to 500Hz, X/Y/Z direction; random, operating)
Weight (net/gross)
0.3 kg (0.67 lb)/0.45 kg (0.99 lb)
Certifications
CE (Class A), FCC (Class A)
EMC
CE/FCC
EN 55035 (Class A), FCC part 15 B (Class A)
Dimensions
48 mm (W) x 100 mm (D) x 100 mm (H)
EOS Support
Windows® 10 IoT, Linux
Software Support
AXEAPI
* Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Ordering Information
ICO110-N3350-AC
(P/N: TBD)
DIN-rail fanless embedded system with Intel® Celeron® processor N3350, 1 COM, 2 GbE LAN, and 4 USB
ICO110-N3350-AW
(P/N: TBD)
DIN-rail fanless embedded system with Intel® Celeron® processor N3350, 1 COM, 2 GbE LAN, 4 USB, and wide temperature
48±0.3
100±0.3
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com