Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA8574D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA8574D
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8574D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA8574D Datasheet HTML 9Page - NXP Semiconductors PCA8574D Datasheet HTML 10Page - NXP Semiconductors PCA8574D Datasheet HTML 11Page - NXP Semiconductors PCA8574D Datasheet HTML 12Page - NXP Semiconductors PCA8574D Datasheet HTML 13Page - NXP Semiconductors PCA8574D Datasheet HTML 14Page - NXP Semiconductors PCA8574D Datasheet HTML 15Page - NXP Semiconductors PCA8574D Datasheet HTML 16Page - NXP Semiconductors PCA8574D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
PCA8574_PCA8574A_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 14 May 2007
13 of 27
NXP Semiconductors
PCA8574/74A
Remote 8-bit I/O expander for I2C-bus with interrupt
11. Limiting values
[1]
Total package (maximum) output current is 400 mA.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6
V
IDD
supply current
-
±100
mA
ISS
ground supply current
-
±400
mA
VI
input voltage
VSS − 0.5
5.5
V
II
input current
-
±20
mA
IO
output current
[1] -
±50
mA
Ptot
total power dissipation
-
400
mW
P/out
power dissipation per output
-
100
mW
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com