Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6003 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6003
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6003 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6003 Datasheet HTML 3Page - Linear Technology LT6003 Datasheet HTML 4Page - Linear Technology LT6003 Datasheet HTML 5Page - Linear Technology LT6003 Datasheet HTML 6Page - Linear Technology LT6003 Datasheet HTML 7Page - Linear Technology LT6003 Datasheet HTML 8Page - Linear Technology LT6003 Datasheet HTML 9Page - Linear Technology LT6003 Datasheet HTML 10Page - Linear Technology LT6003 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6003/LT6004/LT6005
7
600345f
(LT6003H, LT6004H, LT6005H) The ● denotes the specifications which
apply over the full specified temperature range of –40°C ≤ TA ≤ 125°C. VS = ±8V, VCM = VOUT = half supply, RL to ground, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6003S5, LT6004MS8
LT6005GN
LT6004DD, LT6005DHC
LT6003DC
●
●
●
●
1.6
1.8
2
2.2
mV
mV
mV
mV
ΔVOS/ΔT
Input Offset Voltage Drift (Note 5)
S5, MS8, GN
DC, DD, DHC
●
●
2
3
6
8
µV/°C
µV/°C
IB
Input Bias Current
LT6003
LT6004, LT6005
●
●
6
12
nA
nA
IOS
Input Offset Current
LT6003
LT6004, LT6005
●
●
2
4
nA
nA
CMRR
Common Mode Rejection Ratio
VCM = –7.7V to 6.9V
VCM = –7.7V to 7.7V, S5, MS8, GN
VCM = –7.7V to 7.7V, DC, DD, DHC
●
●
●
90
78
76
dB
dB
dB
Input Offset Voltage Shift
VCM = –7.7V to 6.9V
VCM = –7.7V to 7.7V, S5, MS8, GN
VCM = –7.7V to 7.7V, DC, DD, DHC
●
●
●
460
1.9
2.5
µV
mV
mV
Input Voltage Range
Guaranteed by CMRR
●
–7.7
7.7
V
PSRR
Power Supply Rejection Ratio
VS = ±1.1V to ±8V
●
84
dB
VOL
Output Swing Low (Notes 6, 8)
No Load
ISINK = 100µA
●
●
60
275
mV
mV
VOH
Output Swing High (Note 6)
No Load
ISOURCE = 100µA
●
●
140
400
mV
mV
ISC
Short Circuit Current
Short to GND
●
1mA
IS
Supply Current per Amplifier
●
3µA
SR
Slew Rate (Note 8)
AV = –1, RF = RG = 1MΩ
●
0.2
V/ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted. The θJA specfied for the DC, DD and
DHC packages is with minimal PCB heat spreading metal. Using expanded
metal area on all layers of a board reduces this value.
Note 3: The LT6003C/LT6004C/LT6005C and LT6003I/LT6004I/LT6005I are
guaranteed functional over the temperature range of –40°C to 85°C. The
LT6003H/LT6004H/LT6005H are guaranteed functional over the operating
temperature range of –40°C to 125°C.
Note 4: The LT6003C/LT6004C/LT6005C are guaranteed to meet specified
performance from 0°C to 70°C. The LT6003C/LT6004C/LT6005C are
designed, characterized and expected to meet specified performance from
–40°C to 85°C but are not tested or QA sampled at these temperatures.
The LT6003I/LT6004I/LT6005I are guaranteed to meet specified
performance from –40°C to 85°C. The LT6003H/LT6004H/LT6005H are
guaranteed to meet specified performance from –40°C to 125°C.
Note 5: This parameter is not 100% tested.
Note 6: Output voltage swings are measured between the output and
power supply rails.
Note 7: Limits are guaranteed by correlation to VS = 5V tests.
Note 8: Limits are guaranteed by correlation to VS = 1.8V tests
Note 9: Limits are guaranteed by correlation to VS = ±8V tests
Note 10: Full-power bandwidth is calculated from the slew rate:
FPBW = SR/πVP-P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com