Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0800679 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0800679
Description  AFD-2 - Alignment tool for cable markers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0800679 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0800679 Datasheet HTML 1Page - PHOENIX CONTACT 0800679 Datasheet HTML 2Page - PHOENIX CONTACT 0800679 Datasheet HTML 3Page - PHOENIX CONTACT 0800679 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Threading pin, helps thread PMH onto the conductor; insert conductor into pin opening and slide
collar on. For external conductor cross section: 2.9 - 4.1 mm
Commercial data
Item number
0800679
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BG20
Product key
BG221Z
GTIN
4017918105464
Weight per piece (including packing)
4.6 g
Weight per piece (excluding packing)
3.8 g
Customs tariff number
39269097
Country of origin
GB
AFD-2 - Alignment tool for cable markers
0800679
https://www.phoenixcontact.com/us/products/0800679
Jul 15, 2025, 12:26AM
Page 1 (4)


Similar Part No. - 0800679

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800613 PHOENIX-0800613 Datasheet
6Mb / 76P
THERMOMARK LINE
0800666 PHOENIX-0800666 Datasheet
172Kb / 4P
AFD-1 - Alignment tool for cable markers
0800680 PHOENIX-0800680 Datasheet
194Kb / 6P
EMLF (85X32)R SR - Label, highly flexible
0800682 PHOENIX-0800682 Datasheet
174Kb / 4P
AFD-3 - Alignment tool for cable markers
0800687 PHOENIX-0800687 Datasheet
47Kb / 2P
Ink ribbon - THERMOMARK-RIBBON 110/50
09/11/2020
More results

Similar Description - 0800679

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
NBC-SCE-1K MACOM-NBC-SCE-1K Datasheet
239Kb / 2P
Heat-Shrink/Cable Markers
15532 MACOM-15532 Datasheet
286Kb / 4P
Heat-Shrink/Cable Markers
logo
PHOENIX CONTACT
PABE-AZ PHOENIX-PABE-AZ Datasheet
51Kb / 2P
Alignment tool for cable markers, green, Unlabeled, Mounting type: Insert, Lettering field: 4 x 2.1 mm
UC-WMCO PHOENIX-UC-WMCO Datasheet
55Kb / 2P
Alignment tool for cable markers, orange, unlabeled, can be labeled
1013193 PHOENIX-1013193 Datasheet
51Kb / 2P
Alignment tool for cable markers - PABE-AZ
1139724 PHOENIX-1139724 Datasheet
52Kb / 2P
Cable-cutting tool - CUTFOX-ES-2
logo
Schneider Electric
XUSZLPE SCHNEIDER-XUSZLPE Datasheet
96Kb / 3P
laser alignment tool for safety light curtains type2, type4
Jan 19, 2021
logo
TE Connectivity Ltd
TTDS-025 TEC-TTDS-025 Datasheet
355Kb / 2P
K-Type Cable Markers
logo
Molex Electronics Ltd.
ATS-622018830 MOLEX-ATS-622018830 Datasheet
190Kb / 2P
GbX-Twist??Wafer Alignment Tool
01-23-13
0735752052 MOLEX-0735752052 Datasheet
26Kb / 1P
Stripping Tool for 1/2F Cable, Flared Tool
08/25/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com