Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1/4 Datasheet(PDF) 1 Page - AIMCO

Part # AM1/4
Description  STANDARD FASTENER TOOLS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMCO [AIMCO]
Direct Link  https://www.aimco-global.com/
Logo AIMCO - AIMCO

AM1/4 Datasheet(HTML) 1 Page - AIMCO

  AM1/4 Datasheet HTML 1Page - AIMCO  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L
A3S0-2
0
50
1.97
A3S1-2
1
50
1.97
A3S1-2.75
1
70
2.76
A3S1-3
1
75
2.95
A3S1-3.5
1
90
3.54
A3S1-4
1
100
3.94
A3S1-6
1
150
5.91
A3S2-1.2
2
30
1.18
A3S2-1.6
2
40
1.57
A3S3-2
3
50
1.97
A3S3-2.75
3
70
2.76
Part No
Point
L
L
Size
mm
in
PHILLIPS POWER BITS
L
12
A3W1-3
1
75
2.94
A3W1-4
1
100
3.94
A3W2-2
2
50
1.97
A3W2-3
2
75
2.94
A3W2-4
2
100
3.94
A3W2-6
2
150
5.91
A3W2-8
2
200
7.87
A3W2-10
2
250
9.84
A3W2-12
2
300
11.81
A3W3-2
3
50
1.97
A3W3-3
3
75
2.94
A3W3-4
3
100
3.94
A3W3-6
3
150
5.91
A3W3-8
3
200
7.87
Double-Ended
TORX POWER BITS
MAG-O-NETS®*
A3T6-2
T6
50
1.97
A3T7-2
T7
50
1.97
A3T7-2.75
T7
70
2.76
A3T7-3.5
T7
90
3.54
A3T7-6
T7
150
5.91
A3T8-2
T8
50
1.97
A3T9-2.75
T9
70
2.76
AM1/4Z
7 MM
19 MM
10 MM
AM5Z
6 MM
17.5 MM
10 MM
AM3/16Z
3/16
17.5 MM
10 MM
Part No
Torx
L
L
Size
mm
in
Part No
Torx
L
L
Size
mm
in
H
L
A3B1/4-2
1/4”
50
1.97
A3B1/4-2.5
1/4”
63
2.50
A3B5/16-2
5/16”
50
1.97
A3B5/16-2.5
5/16”
63
2.50
A3B3/8-2
3/8”
50
1.97
A3B3/8-2.5
3/8”
63
2.50
A3B05-2.75
5 mm
70
2.76
A3B55-1.2
5.5 mm
30
1.18
A3B55-2.75
5.5 mm
70
2.76
A3B55-4
5.5 mm
100
3.94
A3B06-2.75
6 mm
70
2.76
A3B07-1.2
7 mm
30
1.18
A3B07-2
7 mm
50
1.97
A3B07-2.75
7 mm
70
2.76
A3B07-4
7 mm
100
3.94
A3B08-1.2
8 mm
30
1.18
A3B08-2
8 mm
50
1.97
A3B08-2.75
8 mm
70
2.76
A3B08-4
8 mm
100
3.94
A3B08-6
8 mm
150
5.91
A3B08-8
8 mm
200
7.87
A3B09-2.75
9 mm
70
2.76
A3B09-4
9 mm
100
3.94
A3B10-1.2
10 mm
30
1.18
A3B10-2
10 mm
50
1.97
A3B10-2.75
10 mm
70
2.76
A3B11-2.75
11 mm
70
2.76
A3B12-1.2
12 mm
30
1.18
A3B13-2.75
13 mm
70
2.76
A3B14-2.75
14 mm
70
2.76
A3B16-2.75
16 mm
70
2.76
A3B17-2.75
17 mm
70
2.76
Part No
Hex
L
L
mm
in
NUTSETTERS
For custom parts, please contact us
for more information.
OD
ID
L
*U.S. Patent 5861789
Additional types and sizes of fastener tools are available upon request.
STANDARD FASTENER TOOLS
FTG - 4


Similar Part No. - AM1/4

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM1/4L-0303S-NZ AIMTEC-AM1/4L-0303S-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
AM1/4L-0303SH30-NZ AIMTEC-AM1/4L-0303SH30-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
AM1/4L-0305S-NZ AIMTEC-AM1/4L-0305S-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
AM1/4L-0305SH30-NZ AIMTEC-AM1/4L-0305SH30-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
AM1/4L-0312S-NZ AIMTEC-AM1/4L-0312S-NZ Datasheet
283Kb / 4P
1/4 Watt | DC-DC Converter
More results

Similar Description - AM1/4

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
KNF-30 RICHCO-KNF-30 Datasheet
30Kb / 1P
KWIK NUT FASTENER
logo
List of Unclassifed Man...
35502 ETC2-35502 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35503 ETC2-35503 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
561-0001A ETC2-561-0001A Datasheet
81Kb / 2P
Two-Piece Nylon Fastener
561-C00500 ETC2-561-C00500 Datasheet
85Kb / 2P
PC Board Fastener
logo
Richco, Inc.
BPF-A414 RICHCO-BPF-A414 Datasheet
52Kb / 1P
BARBED PUSH FASTENER
DF-137-010 RICHCO-DF-137-010 Datasheet
22Kb / 1P
DRIVE FASTENER
logo
3M Electronics
SJ3572 3M-SJ3572 Datasheet
201Kb / 6P
3M™ Hook Fastener SJ3572
Apr-2014
SJ3533N 3M-SJ3533N Datasheet
193Kb / 6P
3M??Loop Fastener SJ3533N
SJ3401 3M-SJ3401 Datasheet
201Kb / 6P
3M??Loop Fastener SJ3401
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com