Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UVR Datasheet(PDF) 2 Page - Nichicon corporation

Part # UVR
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UVR Datasheet(HTML) 2 Page - Nichicon corporation

  UVR Datasheet HTML 1Page - Nichicon corporation UVR Datasheet HTML 2Page - Nichicon corporation UVR Datasheet HTML 3Page - Nichicon corporation UVR Datasheet HTML 4Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100M
UVR
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(85℃/120Hz)
Part Number
at 20℃ after
1 minute
at 20℃ after
2 minutes
6.3
(0J)
1000
8×11.5
0.28
189
63
540
 UVR0J102MPD
2200
10×20
0.30
415.8
138.6
1000
 UVR0J222MPD
3300
10×20
0.32
623.7
207.9
1190
 UVR0J332MPD
4700
12.5×20
0.34
888.3
296.1
1550
 UVR0J472MHD
6800
12.5×25
0.38
1285.2
428.4
1920
 UVR0J682MHD
10000
16×25
0.46
1890
630
2350
 UVR0J103MHD
15000
16×35.5
0.56
2835
945
2850
 UVR0J153MHD
22000
18×40
0.70
4158
1386
3350
 UVR0J223MHD
10
(1A)
1000
10×12.5
0.24
300
100
650
 UVR1A102MPD
2200
10×20
0.26
660
220
1100
 UVR1A222MPD
3300
12.5×20
0.28
990
330
1450
 UVR1A332MHD
4700
12.5×25
0.30
1410
470
1800
 UVR1A472MHD
6800
16×25
0.34
2040
680
2250
 UVR1A682MHD
10000
16×35.5
0.42
3000
1000
2700
 UVR1A103MHD
15000
18×35.5
0.52
4500
1500
3100
 UVR1A153MHD
16
(1C)
330
8×11.5
0.20
158.4
52.8
370
 UVR1C331MPD
470
8×11.5
0.20
225.6
75.2
440
 UVR1C471MPD
1000
10×16
0.20
480
160
790
 UVR1C102MPD
2200
12.5×20
0.22
1056
352
1300
 UVR1C222MHD
3300
12.5×25
0.24
1584
528
1700
 UVR1C332MHD
4700
16×25
0.26
2256
752
2100
 UVR1C472MHD
6800
16×35.5
0.30
3264
1088
2650
 UVR1C682MHD
10000
18×35.5
0.38
4800
1600
2950
 UVR1C103MHD
25
(1E)
220
8×11.5
0.16
165
55
330
 UVR1E221MPD
330
10×12.5
0.16
247.5
82.5
440
 UVR1E331MPD
470
10×12.5
0.16
352.5
117.5
550
 UVR1E471MPD
1000
10×20
0.16
750
250
960
 UVR1E102MPD
2200
12.5×25
0.18
1650
550
1550
 UVR1E222MHD
3300
16×25
0.20
2475
825
1980
 UVR1E332MHD
4700
16×30.5
0.22
3525
1175
2450
 UVR1E472MHD
6800
18×35.5
0.26
5100
1700
2900
 UVR1E682MHD
35
(1V)
220
10×12.5
0.14
231
77
385
 UVR1V221MPD
330
10×12.5
0.14
346.5
115.5
490
 UVR1V331MPD
470
10×16
0.14
493.5
164.5
650
 UVR1V471MPD
1000
12.5×20
0.14
1050
350
1150
 UVR1V102MHD
2200
16×25
0.16
2310
770
1800
 UVR1V222MHD
3300
16×35.5
0.18
3465
1155
2280
 UVR1V332MHD
4700
18×35.5
0.20
4935
1645
2700
 UVR1V472MHD
■
Dimensions
For cut leads, formed leads or taped parts, please add the appropriate code after the size code (12th digit ).
If there is no size code in the part number, please add size code “1” and then add the appropriate code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com