Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6005CGN Datasheet(PDF) 2 Page - Linear Technology

Part # LT6005CGN
Description  1.6V, 1關A Precision Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6005CGN Datasheet(HTML) 2 Page - Linear Technology

  LT6005CGN Datasheet HTML 1Page - Linear Technology LT6005CGN Datasheet HTML 2Page - Linear Technology LT6005CGN Datasheet HTML 3Page - Linear Technology LT6005CGN Datasheet HTML 4Page - Linear Technology LT6005CGN Datasheet HTML 5Page - Linear Technology LT6005CGN Datasheet HTML 6Page - Linear Technology LT6005CGN Datasheet HTML 7Page - Linear Technology LT6005CGN Datasheet HTML 8Page - Linear Technology LT6005CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT6003/LT6004/LT6005
2
600345f
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) .................................18V
Differential Input Voltage ..........................................18V
Input Voltage Below V– ...............................................9V
Input Current..........................................................10mA
Output Short Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LT6003C, LT6004C, LT6005C............... –40°C to 85°C
LT6003I, LT6004I, LT6005I.................. –40°C to 85°C
LT6003H, LT6004H, LT6005H............ –40°C to 125°C
(Note 1)
TOP VIEW
+IN
–IN
OUT
V+
DC PACKAGE
4-LEAD (2mm
× 2mm) PLASTIC DFN
5
4
2
3
1
TJMAX = 125°C, θJA = 102°C/W (NOTE 2)
EXPOSED PAD (PIN 5) IS V–,
MUST BE SOLDERED TO PCB
OUT 1
V– 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC TSOT-23
+IN 3
5 V+
4 –IN
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER
DC PART
MARKING*
LT6003CDC
LT6003IDC
LT6003HDC
LCKF
LCKF
LCKF
ORDER PART
NUMBER
S5 PART
MARKING*
LT6003CS5
LT6003IS5
LT6003HS5
LTCKG
LTCKG
LTCKG
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
9
4
3
2
1
OUT A
–IN A
+IN A
V–
V+
OUT B
–IN B
+IN B
B
A
+
–
+
–
TJMAX = 125°C, θJA = 160°C/W (NOTE 2)
EXPOSED PAD (PIN 9) CONNECTED TO V–
(PCB CONNECTION OPTIONAL)
1
2
3
4
OUT A
–IN A
+IN A
V–
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 250°C/W
ORDER PART
NUMBER
DD PART
MARKING*
LT6004CDD
LT6004IDD
LT6004HDD
LCCB
LCCB
LCCB
ORDER PART
NUMBER
MS8 PART
MARKING*
LT6004CMS8
LT6004IMS8
LT6004HMS8
LTCBZ
LTCBZ
LTCBZ
PACKAGE/ORDER INFORMATION
Specified Temperature Range (Note 4)
LT6003C, LT6004C, LT6005C................... 0°C to 70°C
LT6003I, LT6004I, LT6005I.................. –40°C to 85°C
LT6003H, LT6004H, LT6005H............ –40°C to 125°C
Junction Temperature
DFN Packages................................................... 125°C
All Other Packages............................................ 150°C
Storage Temperature Range
DFN Packages.................................... –65°C to 125°C
All Other Packages............................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)
TSOT, MSOP, TSSOP Packages......................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com