Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UWT0G331MCL1GS Datasheet(PDF) 3 Page - Nichicon corporation

Part # UWT0G331MCL1GS
Description  ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UWT0G331MCL1GS Datasheet(HTML) 3 Page - Nichicon corporation

  UWT0G331MCL1GS Datasheet HTML 1Page - Nichicon corporation UWT0G331MCL1GS Datasheet HTML 2Page - Nichicon corporation UWT0G331MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
UWT
Rated Voltage
(V)
(code)
Rated
Capacitance
(µF)
Case Size
φD×L(mm)
tan δ
Leakage Current
(µA)
Rated Ripple
(mArms)
(105℃/120Hz)
Part Number
(
at 20℃ after
2 minutes
)
25
(1E)
4.7
4×5.4
0.16
3
13
UWT1E4R7MCL1GB
10
5×5.4
0.16
3
23
UWT1E100MCL1GB
22
6.3×5.4
0.16
5.5
38
UWT1E220MCL1GB
33
6.3×5.4
0.16
8.25
48
UWT1E330MCL1GB
47
6.3×5.8
0.16
11.75
59
UWT1E470MCL6GS
100
6.3×7.7
0.16
25
91
UWT1E101MCL1GS
150
8×10
0.16
37.5
140
UWT1E151MNL1GS
220
8×10
0.16
55
155
UWT1E221MNL1GS
330
8×10
0.16
82.5
190
UWT1E331MNL1GS
470
10×10
0.16
117.5
300
UWT1E471MNL1GS
35
(1V)
4.7
4×5.4
0.14
3
15
UWT1V4R7MCL1GB
10
5×5.4
0.14
3.5
25
UWT1V100MCL1GB
22
6.3×5.4
0.14
7.7
42
UWT1V220MCL1GB
33
6.3×5.8
0.14
11.55
52
UWT1V330MCL6GS
47
6.3×5.8
0.14
16.45
63
UWT1V470MCL1GS
100
6.3×7.7
0.14
35
84
UWT1V101MCL1GS
150
8×10
0.14
52.5
155
UWT1V151MNL1GS
220
8×10
0.14
77
190
UWT1V221MNL1GS
330
10×10
0.14
115.5
300
UWT1V331MNL1GS
50
(1H)
1
4×5.4
0.14
3
6.2
UWT1H010MCL1GB
2.2
4×5.4
0.14
3
11
UWT1H2R2MCL1GB
3.3
4×5.4
0.14
3
14
UWT1H3R3MCL1GB
4.7
5×5.4
0.14
3
19
UWT1H4R7MCL1GB
10
6.3×5.4
0.14
5
30
UWT1H100MCL1GB
22
6.3×5.8
0.14
11
45
UWT1H220MCL6GS
33
6.3×7.7
0.14
16.5
60
UWT1H330MCL1GS
47
6.3×7.7
0.14
23.5
63
UWT1H470MCL1GS
100
8×10
0.14
50
140
UWT1H101MNL1GS
150
10×10
0.14
75
180
UWT1H151MNL1GS
220
10×10
0.14
110
220
UWT1H221MNL1GS
Dimensions
For taping specifications, recommended land size/soldering by
reflow and minimum order quantity, please refer to the Guidelines
for Aluminum Electrolytic Capacitors.
Please select UUX, UUJ series if high C/V products are required.
CAT.8100N



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com