Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSN Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # CSN
Description  Hall Effect Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSN Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  CSN Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSN Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSN Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSN Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSN Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CSN Series
Hall Effect Current Sensors
FEATURES
• Current sensing up to 1000A
• Measures DC, AC and impulse currents
• Very fast response
• High overload capability
• Extended temperature range -40°C to +85°C
• Different termination styles
• Optional conformal coating
BENEFITS
• Increased measuring range in compact package
• No restriction on input current waveform
• Output signal accurately tracks changes in input signal
• Sensor integrity unaffected
• Improved reliability
• Flexibility of connection style
• Provides additional protection to the sensors
DESCRIPTION
TYPICAL APPLICATIONS
These new industrial current sensors extend Honeywell’s
closed loop current sensing capability. They offer increased
current measuring capability up to 1000Aover an extended
temperature range of -40°C to +85°C and are available with
different terminal options.
The sensors are closed loop devices based on the principle
of the hall effect and null balance method. The output from
the current sensor is the balancing current which is a perfect
image of the primary current reduced by the number of
secondary turns at any time. This current can be expressed
as a voltage by passing it through a resistor.
• Variable speed drives
• Overcurrent protection
• Power supplies
• Feedback control systems
• Robotics
• Welding equipment
Sensing and Control



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com