Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSNX25 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # CSNX25
Description  Hall Effect Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

CSNX25 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  CSNX25 Datasheet HTML 1Page - Honeywell Solid State Electronics Center CSNX25 Datasheet HTML 2Page - Honeywell Solid State Electronics Center CSNX25 Datasheet HTML 3Page - Honeywell Solid State Electronics Center CSNX25 Datasheet HTML 4Page - Honeywell Solid State Electronics Center CSNX25 Datasheet HTML 5Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PERFORMANCE DATA
Definition
Acurrent transducer based on the principle of magnetic compensation. It provides electronic measurement of DC, AC, pulsed
currents and their combinations with galvanic isolation between the primary (high current) and secondary circuits.
Electrical Data
CSNL181 - XXX
CSNM191 - XXX
Nominal current (In)
: 300 Arms
: 500 Arms
Measuring range
: 0 to ±600 A
: 0 to ±1000 A
Measuring Resistance (Rm)
: Rm min
Rm max
: Rm min
Rm max
with ±15V
at ±300 A.t max
: 0 ohm
50 ohm
at ±500 A.t max
: 0 ohm
50 ohm
at ±600 A.t max
: 0 ohm
10 ohm
at ±1000 A.t max
: 0 ohm
5 ohm
Nominal analogue output current
: 150 mA
: 100 mA
Turns Ratio
: 1/2000
: 1/5000
Overall accuracy at +25°C
: ±0.5% on In
: ±0.5% of In
Supply Voltage
: ±12V to 18V (±5%)
: ±12V to ±18V (±5%)
Isolation between primary and secondary
: 7.5 kV rms/50 Hz/1 min
: 6.0 kV rms/50 Hz/1 min
Accuracy - Dynamic Performance
Zero offset current at +25°C
: Max ±0.3 mA
: Max ±0.2 mA
Thermal drift of offset current,
between 0°C to +70°C
: Typ ±0.3 mA; Max ±0.5 mA
: Typ ±0.2 mA; Max ±0.3 mA
Linearity
: better than ±0.1%
: better than ±0.1%
Response time
: better than 500nS
: better than 1µs
di/dt accurately followed
: better than 50 A/µs
: better than 50 A/µs
Bandwidth
: DC to 150 KHz
: DC to 100 KHz
General data
Operating temperature
: -40°C to +85°C (-40°F to +185°F)
: -40°C to +85°C (-40°F to +185°F)
Storage temperature
: -40°C to +90°C (-40°F to +194°F)
: -40°C to +90°C (-40°F to +194°F)
Current consumption
: Typ 14mA(±18V) + output current
: Typ 14mA(±18V) + output current
Secondary internal resistance
: 25 ohm (at 70°C)
: 50 ohm (at 70°C)
Sensor Housing
: Insulated plastic case (Bayblend FR1468)
: Insulated plastic case (Bayblend FR1468)
Signal sense
: a positive output current is obtained on
: a positive output current is obtained on
terminal O/Pwhen the primary current
terminal O/Pwhen the primary current
flows in the direction of the arrow
flows in the direction of the arrow
EMC
: EN50081-2, EN 50082-2
: EN50081-2, EN 50082-2
Honeywell • Sensing and Control 2
PERSONALINJURY
• DO NOTUSE these products as safety or emergency stop devices, or in any other application
where failure of the product could result in personal injury.
Failure to comply with these instructions could result in death or serious injury.
WARNING
Electrical Connection
Termination
+
-
ov
Rm
OUTPUT
+
-
O/P
300A:
Supply Voltage ±12V to ±18V
500A:
Supply Voltage ±12V to ±18V
O/PMeasured output signal



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com