Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74ALVC7804 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALVC7804
Description  512 × 18 FIRST-IN, FIRST-OUT MEMORY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SN74ALVC7804 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ALVC7804 Datasheet HTML 3Page - Texas Instruments SN74ALVC7804 Datasheet HTML 4Page - Texas Instruments SN74ALVC7804 Datasheet HTML 5Page - Texas Instruments SN74ALVC7804 Datasheet HTML 6Page - Texas Instruments SN74ALVC7804 Datasheet HTML 7Page - Texas Instruments SN74ALVC7804 Datasheet HTML 8Page - Texas Instruments SN74ALVC7804 Datasheet HTML 9Page - Texas Instruments SN74ALVC7804 Datasheet HTML 10Page - Texas Instruments SN74ALVC7804 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SN74ALVC7804
512
× 18
FIRST-IN, FIRST-OUT MEMORY
SCAS432 – JANUARY 1995
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VOH
Flags Q outputs
VCC = MIN to MAX,
IOH = – 100 µA
VCC – 0.2
V
VOH
Flags, Q outputs
VCC = 3 V,
IOH = – 8 mA
2.4
V
Flags, Q outputs
VCC = MIN to MAX,
IOL = 100 µA
0.2
VOL
Flags
VCC = 3 V,
IOL = 8 mA
0.4
V
Q outputs
VCC = 3 V,
IOL = 16 mA
0.55
II
VCC = 3.6 V,
VI =VCC or GND
±5
µA
IOZ
VCC = 3.6 V,
VO =VCC or GND
±10
µA
ICC
VCC = 3.6 V,
VI = VCC or GND and IO = 0
40
µA
∆ICC§
VCC = 3.6 V,
Other inputs at VCC or GND
One input at VCC – 0.6 V,
500
µA
Ci
VCC = 3.3 V,
VI = VCC or GND
3
pF
Co
VCC = 3.3 V,
VO = VCC or GND
6
pF
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
§ This is the supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 5)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
′ALVC7804-25
VCC = 3.3 V " 0.3 V
′ALVC7804-40
VCC = 3.3 V " 0.3 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
LDCK or UNCK
40
25
MHz
tpd
LDCK
↑
Any Q
9
22
9
24
ns
tpd
UNCK
↑
Any Q
6
18
6
20
ns
tPLH
LDCK
↑
6
17
6
19
tPHL
UNCK
↑
EMPTY
6
17
6
19
ns
tPHL
RESET low
4
18
4
20
tPHL
LDCK
↑
6
17
6
19
tPLH
UNCK
↑
FULL
6
17
6
19
ns
tPLH
RESET low
4
20
4
22
tpd
LDCK
↑
7
20
7
22
tpd
UNCK
↑
AF/AE
7
20
7
22
ns
tPLH
RESET low
2
12
2
14
tPLH
LDCK
↑
5
20
5
22
tPHL
UNCK
↑
HF
7
20
7
22
ns
tPHL
RESET low
3
14
3
16
ten
OE
Any Q
2
10
2
11
ns
tdis
OE
Any Q
2
11
2
12
ns
operating characteristics, VCC = 3.3 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per FIFO channel
Outputs enabled
CL = 50 pF,
f = 5 MHz
53
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com