Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0808419 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0808419
Description  PMH 0:(100X0-9) - Wire marking tag
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0808419 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0808419 Datasheet HTML 1Page - PHOENIX CONTACT 0808419 Datasheet HTML 2Page - PHOENIX CONTACT 0808419 Datasheet HTML 3Page - PHOENIX CONTACT 0808419 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Wire marking tag, yellow, cable diameter range: 1.4 ... 2.5 mm, horizontal: Numbers, mounting
type: slide-on, text field height: 2.6 mm, text field width: 3.2 mm
Commercial data
Item number
0808419
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
BG222B
GTIN
4017918170028
Weight per piece (including packing)
65.3 g
Weight per piece (excluding packing)
58.5 g
Country of origin
DE
PMH 0:(100X0-9) - Wire marking tag
0808419
https://www.phoenixcontact.com/us/products/0808419
Jul 15, 2025, 12:25AM
Page 1 (4)


Similar Part No. - 0808419

ManufacturerPart #DatasheetDescription
logo
Littelfuse
08084100 LITTELFUSE-08084100 Datasheet
832Kb / 2P
250A-350A-500A bipolar disconnect switch with fixed or removable handle
More results

Similar Description - 0808419

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M006RNJ AVX-TAJA106M006RNJ Datasheet
63Kb / 1P
Marking
TAJD476M010RNJ AVX-TAJD476M010RNJ Datasheet
63Kb / 1P
Marking
logo
3M Electronics
SDR-2 3M-SDR-2 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-7 3M-SDR-7 Datasheet
29Kb / 2P
STD Tape Dispenser SDR Wire Marking Tape
SDR-A 3M-SDR-A Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
SDR-RD 3M-SDR-RD Datasheet
44Kb / 3P
STD Tape Dispenser SDR Wire Marking Tape
logo
Delta Electronics, Inc.
PMH-24V100WCAX DELTA-PMH-24V100WCAX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V150WCBX DELTA-PMH-24V150WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
PMH-24V200WCBX DELTA-PMH-24V200WCBX Datasheet
1Mb / 13P
PMH Panel Mount Power Supply
logo
PHOENIX CONTACT
0804303 PHOENIX-0804303 Datasheet
80Kb / 3P
SK 5,08/3,8: 0-9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com