Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0824150 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0824150
Description  UC-WMT (30X4) OG - Conductor marker
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824150 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0824150 Datasheet HTML 1Page - PHOENIX CONTACT 0824150 Datasheet HTML 2Page - PHOENIX CONTACT 0824150 Datasheet HTML 3Page - PHOENIX CONTACT 0824150 Datasheet HTML 4Page - PHOENIX CONTACT 0824150 Datasheet HTML 5Page - PHOENIX CONTACT 0824150 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Conductor marker, Sheet, orange, unlabeled, can be labeled with: BLUEMARK ID COLOR,
BLUEMARK ID, BLUEMARK CLED, PLOTMARK, CMS-P1-PLOTTER, cable diameter range: 1.
5 ... 14 mm, mounting type: insert, Number of individual labels: 16, text field height: 4 mm, text
field width: 30 mm
Your advantages
The UC-WMT ... UniCard labeling range includes markers for conductor marking with marking collars from the PATG (HF) .../PATG ... system
•
The markers, which are supplied in uniform sheets, can be printed onto quickly and easily using the BLUEMARK printing system
•
To simplify mounting, the insert labels are arranged on UniCard sheets so that they can be separated branch by branch
•
Labeled insert strips are simply inserted into the collars. This protects the marking against dirt.
•
The format automatically ensures printing with a high degree of positioning accuracy
•
The sheets provide space for including function texts
•
Marking service: Phoenix Contact can custom-mark all UniCard markers according to your specifications
•
Commercial data
Item number
0824150
Packing unit
10 pc
Minimum order quantity
10 pc
Product key
BG2217
GTIN
4046356341998
Weight per piece (including packing)
8.91 g
Weight per piece (excluding packing)
6.8 g
Country of origin
PL
UC-WMT (30X4) OG - Conductor marker
0824150
https://www.phoenixcontact.com/us/products/0824150
Jul 15, 2025, 12:34AM
Page 1 (6)


Similar Part No. - 0824150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0824118 PHOENIX-0824118 Datasheet
196Kb / 6P
UC-WMT (23X4) OG - Conductor marker
0824121 PHOENIX-0824121 Datasheet
194Kb / 6P
UC-WMT (23X4) GN - Conductor marker
0824163 PHOENIX-0824163 Datasheet
194Kb / 6P
UC-WMT (30X4) GN - Conductor marker
More results

Similar Description - 0824150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0818276 PHOENIX-0818276 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 5 OG
0818328 PHOENIX-0818328 Datasheet
51Kb / 2P
Marker for terminal blocks - UC-TM 6 OG
0818577 PHOENIX-0818577 Datasheet
49Kb / 3P
Marker for terminal blocks - UC-TMF 6 OG
0824592 PHOENIX-0824592 Datasheet
53Kb / 3P
Marker for terminal blocks - UC-TM 6 OG CUS
0801426 PHOENIX-0801426 Datasheet
61Kb / 4P
Conductor marker - UCT-WMT (30X4) GN
09/11/2020
0818182 PHOENIX-0818182 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5)
09/11/2020
0818218 PHOENIX-0818218 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (23X4)
09/11/2020
0818849 PHOENIX-0818849 Datasheet
60Kb / 4P
Conductor marker - UC-WMC 4,4 (15X5,5) BU
09/11/2020
0819631 PHOENIX-0819631 Datasheet
59Kb / 4P
Conductor marker - UC-WMC 3,1 (30X4)
09/11/2020
0827162 PHOENIX-0827162 Datasheet
65Kb / 4P
Conductor marker - UC-WMCO 2,9 (21X3,5)
09/11/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com