Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICO520 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # ICO520
Description  DIN-Rail Fanless Embedded System with 12th Gen Intel® Core™ i7/i5/i3 or Celeron® Processor, Four 2.5GbE LAN, 2 HDMI, 4 USB, 4 Isolated COM, and 2 Isolated DIO (8-in/8-out)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

ICO520 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  ICO520 Datasheet HTML 1Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 2Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 3Page - Axiomtek Co., Ltd. ICO520 Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.axiomtek.com
x86-based DIN-rail Embedded Systems
Specifications
System I/O Outlet
Serial
4 x Isolated RS-232/422/485 (4-wire, Phoenix-type connectors, only for advanced model)
Isolation voltage: 2 kV
Display
2 x HDMI (1920x1080 @60Hz)
USB
4 x USB 3.1
Ethernet
4 x RJ-45 isolated 2.5GbE LAN (Intel® I226-IT)
Isolation voltage: 1.5 kV
DIO
2 x Isolated 8-in/8-out DIO (only for advanced model)
Isolation voltage: 2 kV
Others
5 x Antenna opening
Extension Interface
1 x M.2 Key B 3050/3052 slot: PCIe/USB (for 5G/Wi-Fi)
1 x full-size Rev.1.2 PCI Express Mini Card slot: PCIe/USB (for Wi-Fi/LTE)
1 x full-size Rev.1.2 PCI Express Mini Card slot: SATA/USB (for mSATA/LTE)
3 x SIM slot (1 for M.2 and 2 for full-size PCI Express Mini Card)
Storage
1 x Internal 2.5” SATA drive
1 x mSATA (occupying 1 x PCI Express Mini Card slot)
1 x M.2 (PCIe Gen2 x4): NVMe (2242/2280) (advanced model only)
Watchdog Timer
255 levels, 1 to 255 sec.
Power Supply
1 x Terminal block, accepts 9 to 36 VDC input, typically 12/24 VDC
Power consumption: full loading
- 54.82W (with 12VDC)
- 56.52W (with 24VDC)
MTBF: 47,832 (hrs, @50°C)
System Indicators
1 x LED indicator for SATA drive
1 x LED indicator for power
4 x Programable LED
Operating Temperature Cold boot at -40°C
With fan kit:
All systems support -40°C to +70°C (-40°F to +158°F)
Without fan kit:
System with i7-1265UE or i5-1245UE supports -40°C to +50°C (-40°F to +122°F)
System with i3-1215UE or 7305E supports -40°C to +60°C (-40°F to +140°F)
Relative Humidity
10% to 95% relative humidity, non-condensing
Vibration Endurance
2 Gms with storage (5 to 500Hz, X/Y/Z direction; random, operating)
Dimensions (W x D x H) 83 x 135 x 155 mm (3.27" x 5.31" x 6.1")
Weight (net/gross)
Advanced model: 1.75 kg (3.86 lb)
Simplified model: 1.65 kg (3.84 lb)
Certifications
CE (Class A), FCC (Class A), and UL
EMC
CE/FCC
EOS Support
Windows® 10 IoT, Linux
Software Support
Axiomtek EAPI
* Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
Ordering Information
ICO520-ALD7-A
(P/N: E22C520107)
DIN-rail fanless embedded system with Intel® Core™ i7-1265UE processor, 4 USB 3.1, four 2.5GbE LAN, 4 isolated COM,
2 isolated DIO (8-in/8-out), and 2 HDMI
ICO520-ALD7-AS
(P/N: E22C520106)
DIN-rail fanless embedded system with Intel® Core™ i7-1265UE processor, 4 USB 3.1, four 2.5GbE LAN, and 2 HDMI
ICO520-ALD5-A
(P/N: E22C520105)
DIN-rail fanless embedded system with Intel® Core™ i5-1245UE processor, 4 USB 3.1, four 2.5GbE LAN, 4 isolated COM,
2 isolated DIO (8-in/8-out), and 2 HDMI
ICO520-ALD5-AS
(P/N: E22C520104)
DIN-rail fanless embedded system with Intel® Core™ i5-1245UE processor, 4 USB 3.1, four 2.5GbE LAN, and 2 HDMI
ICO520-ALD3-A
(P/N: E22C520103)
DIN-rail fanless embedded system with Intel® Core™ i3-1215UE processor, 4 USB 3.1, four 2.5GbE LAN, 4 isolated COM,
2 isolated DIO (8-in/8-out), and 2 HDMI
ICO520-ALD3-AS
(P/N: E22C520102)
DIN-rail fanless embedded system with Intel® Core™ i3-1215UE processor, 4 USB 3.1, four 2.5GbE LAN, and 2 HDMI



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com