Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC920-R-F1 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC920-R-F1
Description  Fanless Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/R680E, and Front-access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC920-R-F1 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC920-R-F1 Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC920-R-F1 Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC920-R-F1 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Industrial Systems
Specifications
Expansion Interface
1 x Full-size PCI Express Mini Card socket (USB & PCIe interface) with SIM slot
1 x M.2 Key E 2230 socket
1 x PCIe x16 Gen3 slot (up to 150W power for add-in card)
Storage
2 x 2.5" HDD/SSD bay (7/9.5 mm height) supporting RAID 0, 1 (R680E)
1 x M.2 Key M 2280 socket (PCIe x4)
System Indicators
1 x HDD/SSD access LED
3 x User's LED
Power Input and
Ignition Control
Input: 18 to 36 VDC
1 x 3-pin terminal block for DC input, ignition control, and AT/ATX mode by BIOS setting
1 x Power on/off button with LED (default ATX)
1 x Remote power switch
Operating Temperature -20°C to +60°C with 14th/13th/12th gen Intel® Core™ processor and industrial wide temperature SSD, 0.7m/s air flow***
Storage Temperature
-20°C to +80°C
Vibration
IEC 60068-2-64 (with SSD: 3Grms, random, 5 to 500 Hz, IPC920-H-F1, IPC920-R-F1)
IEC 60068-2-64 (with SSD: 1Grms, random, 5 to 500 Hz, IPC920-H-F1E, IPC920-R-F1E)
MIL-STD-810H, Method 514.8, Category 20 (IPC920-H-F1, IPC920-R-F1, IPC920-H-F1E, IPC920-R-F1)
Shock
IEC 60068-2-27 (with SSD: 50G, half sine, 11ms duration)
MIL-STD-810H, Method 516.8, Procedure I
IP rating
IPC920-H-F1, IPC920-R-F1: IP40 with connector cables installed
Humidity
10% to 90%, non-condensing
Dimensions
IPC920-H-F1, IPC920-R-F1: 83.5 x 192 x 230 mm (3.29" x 7.56" x 9.06")
IPC920-H-F1E, IPC920-R-F1E: 118.5 x 192 x 230 mm (4.67" x 7.56" x 9.06")
Weight (net/gross)
IPC920-H-F1, IPC920-R-F1: 3.2 kg (7.06 lb)/4.9 kg (10.80 lb)
IPC920-H-F1E, IPC920-R-F1E: 3.7 kg (8.16 lb)/5.4 kg (11.91 lb)
Certifications
CE (EN 61000-6-4/EN 61000-6-2), FCC
OS Support
Win 10, Win 11, Win 10 IoT, Win 11 IoT, Linux OS
*Please refer to the user manual for the supported CPU list.
**Intel® Core™ 14th Gen processors support a maximum single SO-DIMM capacity of 48GB.
***CPU power settings can be adjusted in the BIOS to optimize performance and operating temperature.
Ordering Information
System
IPC920-H-F1
(P/N: E26G920100)
Industrial fanless system with Intel® H610E, without Axiomtek logo
IPC920-H-F1E
(P/N: E26G920102)
Industrial fanless system with Intel® H610E and 1 PCIe x16 slot, without Axiomtek logo
IPC920-R-F1
(P/N: E26G920101)
Industrial fanless system with Intel® R680E, without Axiomtek logo
IPC920-R-F1E
(P/N: E26G920103)
Industrial fanless system with Intel® R680E, and 1 PCIe x16 slot, without Axiomtek logo
Optional Accessory
2.5" SATA HDD/SSD
M.2 Key M 2280 NVMe SSD
DDR5 ECC/non-ECC SO-DIMM
50906A24000E
AC to DC adapter 24V 230W Wire type
509000001500
AC to DC adapter 24V 120W Wire type
E29R127119
DIN-rail mounting kit
E29R127126
Wall mount kit
E29R127120
Bookshelf mounting kit (support by project)
E29R127121
Front I/O cable-lock kit
Optional Flexible I/O Modules
E39Q108100
2 x CAN bus PCIe Mini Card module (CAN 2.0 A/B) with cable
E392902107
1 x GbE LAN (Intel® I210-IT) PCIe Mini Card module with bracket kit
590000068400
8-bit programmable DIO wire cable
591000003100
2 x RS-232 (4-wire)/422/485 wire cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com