Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC920-R-F1E Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IPC920-R-F1E
Description  Fanless Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or Celeron® Processor, Intel® H610E/R680E, and Front-access I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC920-R-F1E Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IPC920-R-F1E Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC920-R-F1E Datasheet HTML 2Page - Axiomtek Co., Ltd. IPC920-R-F1E Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Industrial Systems
IPC920
Fanless Industrial System with LGA1700 Socket 14th/13th/12th Gen Intel® Core™ i9/i7/i5/i3 or
Celeron® Processor, Intel® H610E/R680E, and Front-access I/O
Specifications
Standard Color
Silver & black
Construction
Aluminum extrusion heavy-duty cold-rolled steel
Processor System
CPU Level
14th/13th/12th gen Intel® Core™ processor, up to 65W*
Chipset
Intel® H610E/R680E
System Memory
2 x 262-pin DDR5 4800 ECC/non-ECC SO-DIMM, up to 96GB**
System I/O
Ethernet
2 x RJ-45 2.5GbE LAN (Intel® I226-V)
1 x RJ-45 GbE LAN (Intel® I219-LM); with Intel® AMT (R680E)
Serial
2 x RS-232 (4-wire)/422/485 (default RS-232), DB9 (by BIOS selection)
USB
Intel® H610E:
2 x USB 3.2 Gen2 (10G) Type-A
2 x USB 3.2 Gen1 (5G) Type-A
1 x USB 2.0 180D Type-A (internal, up to 30 mm)
Intel® R680E:
4 x USB 3.2 Gen2 (10G) Type-A
1 x USB 2.0 180D Type-A (internal, up to 30 mm)
Display
1 x DisplayPort++ 1.2 with support for 4096 x 2160 resolution
1 x HDMI 1.4b with support for 4096 x 2160 resolution
TPM
TPM 2.0
NEW
1. 1 x HDD/SSD access LED & 3 x user's LED
2. Power on/off button with LED
3. 2 x 2.5GbE LAN (Intel® I226-V)
4. 1 x GbE LAN (Intel® I219-LM)
5. 1 x HDMI, 1 x DisplayPort++
6. 4 x USB 3.2
7. 3-pin terminal block for DC input
8. 2 x HDD/SSD tray
9. 1 x Remote power switch
10. Flexible I/O window
8
Features
● Intelligent power management: Ignition and USB power on/off control
● Supports Intel® RAID (R680E)
● Easy expansion via flexible I/O window
● Supports connectors with pull-resistance design
● Optional DIN-rail, bookshelf and wall mount kit
● EN 61000-6-2 certified
11. 2 x RS-232/422/485
12. 1 x PCIe x16 slot
13. 3 x Antenna opening
2
3
4
5
6
7
9
1
10
11
13
12
Wide Temp.
DDR5
Dual-View
Fanless
IP40


Similar Part No. - IPC920-R-F1E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC922-212-FL AXIOMTEK-IPC922-212-FL Datasheet
528Kb / 2P
Compact & front I/O design
IPC922-215-FL AXIOMTEK-IPC922-215-FL Datasheet
487Kb / 2P
2-slot Fanless System with Intel Celeron Processor J1900
IPC922-215-FL-HAB103-AC AXIOMTEK-IPC922-215-FL-HAB103-AC Datasheet
487Kb / 2P
2-slot Fanless System with Intel Celeron Processor J1900
IPC922-215-FL-HAB103-DC AXIOMTEK-IPC922-215-FL-HAB103-DC Datasheet
487Kb / 2P
2-slot Fanless System with Intel Celeron Processor J1900
IPC922-215-FL-HAB108-AC AXIOMTEK-IPC922-215-FL-HAB108-AC Datasheet
487Kb / 2P
2-slot Fanless System with Intel Celeron Processor J1900
More results

Similar Description - IPC920-R-F1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
logo
AAEON Technology
GENESYSM-ADP6 AAEON-GENESYSM-ADP6 Datasheet
390Kb / 2P
3.5” SubCompact Board System with 12th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/11/16
logo
BCM Advanced Research.
BC680R BCM-BC680R Datasheet
621Kb / 2P
Intel® R680E ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
MX610HD BCM-MX610HD Datasheet
614Kb / 2P
Intel® H610E Thin Mini-ITX Motherboard with LGA 1700 socket supports Intel® Alder Lake Core™ i9, i7, i5, i3, Pentium, Celeron Processor
09/28/2022
RX610H BCM-RX610H Datasheet
553Kb / 2P
Intel® H610E based Micro ATX Motherboard supports Intel® Alder Lake Core i9/i7/i5/i3, Pentium and Celeron Processor
02/13/2023
logo
AAEON Technology
UPX-EDGE-ADLPI7-A10-16128 AAEON-UPX-EDGE-ADLPI7-A10-16128 Datasheet
473Kb / 2P
UP Xtreme i12 system with 12th generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2023/02/16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com