Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS17W Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFS17W
Description  NPN 1 GHz wideband transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BFS17W Datasheet(HTML) 4 Page - NXP Semiconductors

  BFS17W Datasheet HTML 1Page - NXP Semiconductors BFS17W Datasheet HTML 2Page - NXP Semiconductors BFS17W Datasheet HTML 3Page - NXP Semiconductors BFS17W Datasheet HTML 4Page - NXP Semiconductors BFS17W Datasheet HTML 5Page - NXP Semiconductors BFS17W Datasheet HTML 6Page - NXP Semiconductors BFS17W Datasheet HTML 7Page - NXP Semiconductors BFS17W Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1995 Sep 04
4
NXP Semiconductors
Product specification
NPN 1 GHz wideband transistor
BFS17W
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
IB =ib =0; f = 1MHz.
handbook, halfpage
0
2
0
10
MBG238
24
1.5
1
0.5
68
Cre
(pF)
VCB (V)
Fig.5
Transition frequency as a function
of collector current; typical values.
Tamb =25 C; f = 500 MHz.
handbook, halfpage
2
1.5
1
MBG239
2.5
10
1
5 V
VCE = 10 V
fT
(GHz)
IC (mA)
102
Fig.6
Minimum noise figure as function of
frequency; typical values.
VCE =10 V.
handbook, halfpage
MBG240
F
(dB)
f (MHz)
20
15
10
5
0
103
102
10−3
10−2
10−1
10
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com