Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMC Datasheet(PDF) 1 Page - Multicomp Pro

Part # BMC
Description  Waterproof BMC - Male Connector, 2 Pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BMC Datasheet(HTML) 1 Page - Multicomp Pro

  BMC Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
23/11/11
23/11/11
07/12/11
Veena
RELEASED
BMC Series
Important Notice : This data sheet and its contents (the "Information") belong to the mem-
bers of the Premier Farnell group of companies (the "Group") or are licensed to it. No
licence is granted for the use of it other than for information purposes in connection with
the products to which it relates. No licence of any intellectual property rights is granted. The
Information is subject to change without notice and replaces all data sheets previously sup-
plied. The Information supplied is believed to be accurate but the Group assumes no
responsibility for its accuracy or completeness, any error in or omission from it or for any
use made of it. Users of this data sheet should check for themselves the Information and
the suitability of the products for their purpose and not make any assumptions based on
information included or omitted. Liability for loss or damage resulting from any reliance on
the Information or use of it (including liability resulting from negligence or where the Group
was aware of the possibility of such loss or damage arising) is excluded. This will not oper-
ate to limit or restrict the Group's liability for death or personal injury resulting from its negli-
gence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.
TOLERANCES:
DRAWN BY:
Asha
Veena
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Waterproof BMC - Male Connector, 2 Pole
BMCWPF2MS_DWG
M10002747
23/11/11
DATE:
SIZE
SCALE: NTS
U.O.M.: mm
SHEET:
1
OF 1
DWG NO.
ELECTRONIC FILE
REV
A
A
DATE:
07/12/11
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
Asha
23/11/11
www.element14.com
www.farnell.com
www.newark.com
Dimensions : Millimetres
Specifications:
Operating temperature range
: -20°C to 125°C
Maximum electrical rating
: 600 V
Waterproof per
: IEC 60529
Material:
Housing
: Polycarbonate (PC)
FP
: Stainless steel
Seal plug
: Silicone
Seal ring
: Silicone
Description
Part Number
Housing, Male, Black, 250 A, 2 Pole
BMCWPM2L-BK-70-SET
Housing, Male, Black, 270 A, 2 Pole
BMCWPM2L-BK-80-SET
Housing, Male, Black, 300 A, 2 Pole
BMCWPM2L-BK-100-SET
Contact, 265 A, 2/0 AWG, 70 mm2
BMC70AG
Contact, 310 A, 3/0 AWG, 80 mm2
BMC80AG
Contact, 360 A, 4/0 AWG, 100 mm2
BMC100AG
Part Number Table
Tolerance Unless Otherwise Specified
0 > 6 mm ±0.2
Angle
6 > 18 mm ±0.3
0° > ° Reference ±
18 > 30 mm ±0.4
° > ° ±
30 > mm ±0.5
° > ° ±
Housing Colour
Red
Black
Blue
Orange


Similar Part No. - BMC

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
Conquer Electronics Co....
BMC CONQUER-BMC Datasheet
189Kb / 1P
Ideal for use in electric vehicles charging protection boards
logo
Multicomp Pro
BMC MULTICOMP-BMC Datasheet
119Kb / 1P
Waterproof BMC - Female Connector, 2 Pole
REV A
logo
Bi technologies
BMC0402HF-10NK BITECH-BMC0402HF-10NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
BMC0402HF-12NK BITECH-BMC0402HF-12NK Datasheet
245Kb / 3P
Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
More results

Similar Description - BMC

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060156 MOLEX2-1300060156 Datasheet
97Kb / 1P
MINI-CHANGE PORTABLE 2 POLE MALE STRAIGHT
130146-0091 MOLEX11-130146-0091 Datasheet
60Kb / 1P
Watertite Connector for Male Receptacle with Locking Blade, 2 Pole/2 Wire, NEMA
1301460112 MOLEX11-1301460112 Datasheet
52Kb / 1P
Watertite Connector for Male Receptacle, 2 Pole/2 Wire, NEMA-L2-20, 250V, F2
logo
PowerDynamics, Inc
PD-SF1210-PXX POWERDYNAMICS-PD-SF1210-PXX Datasheet
282Kb / 1P
METAL IP67 WATERPROOF MALE CABLE CONNECTOR
PD-SP2110-PXX1X POWERDYNAMICS-PD-SP2110-PXX1X Datasheet
226Kb / 1P
WATERPROOF MALE CABLE CONNECTOR
PD-SP2111-PXX3X POWERDYNAMICS-PD-SP2111-PXX3X Datasheet
353Kb / 1P
WATERPROOF MALE IN-LINE CABLE CONNECTOR
PD-SP2113-PX3X POWERDYNAMICS-PD-SP2113-PX3X Datasheet
356Kb / 2P
WATERPROOF MALE FLANGED PANEL MOUNT CONNECTOR
PD-SY1710-PX1X POWERDYNAMICS-PD-SY1710-PX1X Datasheet
218Kb / 1P
WATERPROOF MALE CABLE CONNECTOR
logo
Silicom Ltd.
MICROBMC SILICOM-MICROBMC Datasheet
336Kb / 2P
pfSense Based BMC Module
logo
Lapp.
55510000 LAPP-55510000 Datasheet
91Kb / 1P
SILVYN® BMC-M
27.05.2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com