Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSO461 Datasheet(PDF) 2 Page - XP Power Limited

Part # FSO461
Description  Filter & Surge Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

FSO461 Datasheet(HTML) 2 Page - XP Power Limited

  FSO461 Datasheet HTML 1Page - XP Power Limited FSO461 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
09 March 2021
Mechanical Details
DSF/FSO
Models & Ratings
2.41 (61.2)
0.508
(12.9)
Customer mounting holes
ø3.2mm - 4 places
0.20
(5.0)
0.43
(10.9)
1.02
(25.9)
1.25
(31.8)
0.82
(20.9)
0.20
(5.1)
2.21 (56.1)
0.63
(15.9)
-VIN
-VOUT
INH
DIS
+VOUT
+VIN
0.24 (6.2) ±0.04 (1.0)
0.75
(19.20)
1.45
(36.8)
0.15
(3.9)
0.75
(18.9)
1.06
(26.9)
0.19
(4.9)
Ø 0.13 (3.2)
in 2 places
1.37 (34.9)
0.19
(4.9)
0.51
(12.9)
0.71
(17.9)
0.90
(22.9)
1.10
(27.9)
DIS
+VOUT
-VIN
+VIN
INH
-VOUT
1.25
(31.9)
1.57 (39.9)
0.75
(19.2)
0.508
(12.9)
-VIN
-VIN
-VOUT
-VOUT
INH
DIS
+VOUT
+VOUT
+VIN
+VIN
0.18
(4.7)
0.65
(16.4)
0.84
(21.4)
2.09
(53.2)
0.18
(4.7)
Ø 0.13 (3.2) in 4 places
2.09 (53.2)
+VOUT
+VOUT
-VIN
-VIN
+VIN
+VIN
-VOUT
-VOUT
0.45
(11.4)
1.43
(36.4)
1.63
(41.4)
0.65
(16.4)
1.04
(26.4)
1.24
(31.4)
1.63
(41.4)
1.83
(46.4)
0.19
(4.7)
2.09
(53.2)
0.19
(4.7)
2.09
(53.2)
Mounting holes 0.126 (3.2)
4 places
2.28
(57.9)
2.28 (57.9)
0.45
(11.4)
1.63
(41.4)
1.83
(46.4)
0.64
(16.4)
2.28
(57.9)
0.75
(19.2)
0.508
(12.9)
2.28 (57.9)
0.75
(19.2)
0.508
(12.9)
DSF200LV - Surge protection and filter
DSF100 - Surge protection and filter
DSF500 - Surge protection
FSO461 - Filter
Notes
Notes
1. For input voltages above 18 V, maximum load is 500 W.
2. FSO461 has filter circuitry only. To be used with DSF500 for conducted
immunity compliance.
3. DSF500 has surge protection only. To meet stated EMC performance it must be
used with FSO461.
Output Power
Input Voltage
Output
Typical Efficiency
Model Number
Voltage
Max Current
100 W
10-33 VDC
<36 VDC
3.7 A
98%
DSF100
30 - 54 W
10-18 VDC
<36 VDC
3.0 A
92%
DSF200 LV
126 - 230 W
18-33 VDC
<36 VDC
7.0 A
93%
280 - 500 W
10-33 VDC
<36 VDC
28.0 A(1)
98%
DSF500(3)
500 W
0-100 VDC
Vin -
Iin x 0.013
28.0 A
99%
FSO461(2)
1. All dimensions in inches (mm).
2. Weights: DSF100: 0.11 lbs (50 g)
DSF200LV: 0.18 lbs (80 g)
DSF500: 0.36 lbs (160 g)
FSO461: 0.36 lbs (160 g)
3. Tolerance ±0.011 (±0.3). If using multiple modules, please consider variations
in module tolerances.
4. Pin diameter 0.04 (1.0)
5. Pin Material: Copper - tin alloy
Finish: 2.5 μ copper and 2.5 μ Sn (tin)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com