Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603CS-R11XJRY Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # 0603CS-R11XJRY
Description  Chip Inductors – 0603CS (1608)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603CS-R11XJRY Datasheet(HTML) 2 Page - Coilcraft lnc.

  0603CS-R11XJRY Datasheet HTML 1Page - Coilcraft lnc. 0603CS-R11XJRY Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
UK
+886-2-2264 3646 sales@coilcraft.com.tw
Taiwan
+86-21-6218 8074 sales@coilcraft.com.cn
China
+ 65-6484 8412 sales@coilcraft.com.sg
Singapore
© Coilcraft Inc. 2024
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
AEC
Q200 125°C
+
Halogen
Free
0603CS Series (1608)
Document 195-2 Revised 06/26/24
Document 195-2
SRF
DCR
Inductance2
Percent
Q
900 MHz
1.7 GHz
min5
max6
Irms7 Color
Part number1
(nH)
tolerance3 min4 L typ Q typ
L typ Q typ
(GHz) (Ohms) (mA)
dot8
0603CS-1N6XJR_
1.6 @ 250 MHz
5
24
1.67
49
1.65
63
12.5
0.030
700
Red
0603CS-1N8XJR_
1.8 @ 250 MHz
5
16
1.83
35
1.86
50
12.5
0.045
700
Black
0603CS-2N2XJR_
2.2 @ 250 MHz
5
13
2.22
31
2.24
44
12.5
0.250
100
Yellow
0603CS-3N3X_R_
3.3 @ 250 MHz
5,3,2
35
3.31
75
3.38
88
5.90
0.045
700
Blue
0603CS-3N6X_R_
3.6 @ 250 MHz
5,3,2
22
3.72
53
3.71
65
5.90
0.063
700
Red
0603CS-3N9X_R_
3.9 @ 250 MHz
5,3,2
22
3.95
49
3.96
67
6.90
0.080
700
Brown
0603CS-4N3X_R_
4.3 @ 250 MHz
5,3,2
22
4.32
50
4.33
70
5.90
0.063
700
Orange
0603CS-4N7X_R_
4.7 @ 250 MHz
5,3,2
20
4.72
47
4.75
57
5.80
0.116
700
Violet
0603CS-5N1X_R_
5.1 @ 250 MHz
5,3,2
20
4.93
47
4.95
56
5.70
0.140
700
Green
0603CS-5N6X_R_
5.6 @ 250 MHz
5,3,2
26
5.77
63
6.05
80
4.76
0.075
700
Black
0603CS-6N8X_R_
6.8 @ 250 MHz
5,3,2
27
6.75
60
7.10
81
5.80
0.110
700
Red
0603CS-7N5X_R_
7.5 @ 250 MHz
5,3,2
28
7.70
60
7.82
65
4.80
0.106
700
Brown
0603CS-8N2X_R_
8.2 @ 250 MHz
5,3,2
30
8.25
82
8.37
87
4.20
0.115
700
Orange
0603CS-8N7X_R_
8.7 @ 250 MHz
5,3,2
28
8.86
62
9.32
58
4.60
0.109
700
Yellow
0603CS-9N5X_R_
9.5 @ 250 MHz
5,3,2
28
9.7
59
9.92
61
5.40
0.135
700
Blue
0603CS-10NX_R_
10 @ 250 MHz
5,3,2
31
10.0
66
10.6
83
4.80
0.130
700
Orange
0603CS-11NX_R_
11 @ 250 MHz
5,3,2
30
11.0
53
11.5
56
4.00
0.130
700
Gray
0603CS-12NX_R_
12 @ 250 MHz
5,3,2
35
12.3
72
13.5
83
4.00
0.130
700
Yellow
0603CS-15NX_R_
15 @ 250 MHz
5,3,2
35
15.4
64
16.8
89
4.00
0.170
700
Green
0603CS-16NX_R_
16 @ 250 MHz
5,3,2
34
16.2
55
17.3
52
3.30
0.170
700
White
0603CS-18NX_R_
18 @ 250 MHz
5,3,2
35
18.7
70
21.4
69
3.10
0.170
700
Blue
0603CS-22NX_R_
22 @ 250 MHz
5,3,2
38
22.8
73
26.1
71
3.00
0.190
700
Violet
0603CS-23NX_R_
23 @ 250 MHz
5,3,2
38
24.1
71
28.0
67
2.85
0.190
700
Orange
0603CS-24NX_R_
24 @ 250 MHz
5,3,2
36
24.5
45
28.7
39
2.65
0.190
700
Black
0603CS-27NX_R_
27 @ 250 MHz
5,3,2
40
29.2
74
34.6
65
2.80
0.220
600
Gray
0603CS-30NX_R_
30 @ 250 MHz
5,3,2
37
31.4
47
39.9
28
2.25
0.220
600
Brown
0603CS-33NX_R_
33 @ 250 MHz
5,3,2
40
36.0
67
49.5
42
2.30
0.220
600
White
0603CS-36NX_R_
36 @ 250 MHz
5,3,2
37
39.4
47
52.7
24
2.08
0.250
600
Red
0603CS-39NX_R_
39 @ 250 MHz
5,3,2
40
42.7
60
60.2
40
2.20
0.250
600
Black
0603CS-43NX_R_
43 @ 250 MHz
5,3,2
38
47.0
44
64.9
21
2.00
0.280
600
Orange
0603CS-47NX_R_
47 @ 200 MHz
5,3,2
38
52.2
62
77.2
35
2.00
0.280
600
Brown
0603CS-51NX_R_
51 @ 200 MHz
5,3,2
35
55.5
69
82.2
34
1.90
0.270
600
Blue
0603CS-56NX_R_
56 @ 200 MHz
5,3,2
38
62.5
56
97.0
26
1.90
0.310
600
Red
0603CS-68NX_R_
68 @ 200 MHz
5,3,2
37
80.5
54
168
21
1.70
0.340
600
Orange
0603CS-72NX_R_
72 @ 150 MHz
5,3,2
34
82.0
53
135
20
1.70
0.490
400
Yellow
0603CS-82NX_R_
82 @ 150 MHz
5,3,2
34
96.2
54
177
21
1.70
0.540
400
Green
0603CS-R10X_R_
100 @ 150 MHz
5,3,2
34
124
49
—
—
1.40
0.580
400
Blue
0603CS-R11X_R_
110 @ 150 MHz
5,3,2
32
138
43
—
—
1.35
0.610
300
Violet
0603CS-R12X_R_
120 @ 150 MHz
5,3,2
32
166
39
—
—
1.30
0.650
300
Gray
0603CS-R15X_R_
150 @ 150 MHz
5,3,2
28
250
25
—
—
0.990
0.920
280
White
0603CS-R18X_R_
180 @ 100 MHz
5,3,2
25
305
22
—
—
0.990
1.25
240
Black
0603CS-R20X_R_
200 @ 100 MHz
5,3,2
25
—
—
—
—
0.900
1.98
200
Green
0603CS-R21X_R_
210 @ 100 MHz
5,3,2
27
—
—
—
—
0.895
2.06
200
Gray
0603CS-R22X_R_
220 @ 100 MHz
5,3,2
25
—
—
—
—
0.900
2.10
200
Brown
0603CS-R25X_R_
250 @ 100 MHz
5,3,2
25
—
—
—
—
0.822
3.55
120
Violet
0603CS-R27X_R_
270 @ 100 MHz
5,3,2
26
—
—
—
—
0.830
2.16
170
Red
0603CS-R33X_R_
330 @ 100 MHz
5,3,2
25
—
—
—
—
0.900
3.89
100
Blue
0603CS-R39X_R_
390 @ 100 MHz
5,3,2
25
—
—
—
—
0.780
4.35
100
Yellow
1. When ordering, specify
tolerance, termination and packaging codes:
0603CS-R39XJRW
Tolerance:
G = 2% H = 3% J = 5%
(Table shows stock tolerances in bold.)
Termination: R = RoHS compliant matte tin over nickel over silver-
platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
palladium-platinum-glass frit. terminations.
L = RoHS compliant silver-palladium-platinum-glass frit.
Special order:
T = RoHS tin-silver-copper (95.5/4/0.5)
or
S = non-RoHS tin-lead (63/37).
Packaging:
W= 7
″ machine-ready reel. EIA-481 punched paper tape
(2000 parts per full reel). Quantities less than full reel
available: in tape (not machine ready) or with leader
and trailer ($25 charge).
Y = 13
″ machine-ready reel. EIA-481 punched paper
tape. Factory order only, not stocked (10000 parts
per full reel).
U = Less than full reel. In an effort to simplify our part
numbering system, Coilcraft is eliminating the need
for multiple packaging codes. When ordering, simply
change the last letter of your part number from U to W.
2. Inductance measured using a Coilcraft SMD-A fixture in an Agilent/
HP 4286 impedance analyzer with Coilcraft-provided correlation pieces.
3. Tolerances in bold are stocked for immediate shipment.
4. Q measured at the same frequency as inductance using an Agilent/
HP 4291A with an Agilent/HP 16193 test fixture.
5. SRF measured using an Agilent/HP 8720D network analyzer and a
Coilcraft SMD-D test fixture.
6. DCR measured on a Cambridge Technology micro-ohmmeter and a
Coilcraft CCF858 test fixture.
7. Current that causes a 15°C temperature rise from 25°C ambient. This
information is for reference only and does not represent absolute
maximum ratings.
8. Each part is marked with a single dot. The color dots are not unique
identifiers and correspond to multiple inductance values.
9. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C324 contains 10 each of all 5% values
Designer’s Kit C324-2 contains 10 each of all 2% values



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com