Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603CS-R12XJRY Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0603CS-R12XJRY
Description  Chip Inductors – 0603CS (1608)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0603CS-R12XJRY Datasheet(HTML) 1 Page - Coilcraft lnc.

  0603CS-R12XJRY Datasheet HTML 1Page - Coilcraft lnc. 0603CS-R12XJRY Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
US
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
UK
+886-2-2264 3646 sales@coilcraft.com.tw
Taiwan
+86-21-6218 8074 sales@coilcraft.com.cn
China
+ 65-6484 8412 sales@coilcraft.com.sg
Singapore
© Coilcraft Inc. 2024
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
AEC
Q200 125°C
+
Halogen
Free
ChipInductors–0603CS(1608)
Document 195-1
Document 195-1 Revised 06/26/24
Ultra-small size, exceptional Q and high SRFs
make these inductors ideal for high frequency
applications where size is at a premium. They
also have excellent DCR and current carrying
characteristics.
Typical L vs Frequency
Typical Q vs Frequency
A
B
C
D
max max max
ref
E
F
G
H
I
J
0.071 0.044 0.040 0.015 0.030 0.013 0.034 0.040 0.025 0.025 inches
1,80 1,12 1,02 0,38 0,76 0,33 0,86 1,02 0,64 0,64 mm
Core material Ceramic
Environmental RoHS compliant, halogen free
Terminations RoHS compliant matte tin over nickel over silver
platinum-glass frit. Other terminations available at additional cost.
Weight 3.2 – 3.7 mg
Ambient temperature –40°C to +125°C with
Irms current
Maximum part temperature +140°C (ambient + temp rise).
Storage temperature Component: –40°C to +140°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel; 10000 per 13″ reel Paper tape: 8 mm
wide, 1.0 mm thick, 4 mm pocket spacing
PCB washing Tested to MIL-STD-202 Method 215 plus an additional
aqueous wash. See Doc787_PCB_Washing.pdf.
10
100
Frequency (MHz)
1000
10000
100
80
90
60
70
40
50
20
10
30
0
120 nH
33 nH
3.9 nH
68 nH
12 nH
270 nH
10
100
Frequency (MHz)
1000
10000
400
350
0
50
100
150
200
250
300
120 nH
68 nH
33 nH
3.9 nH
12 nH
270 nH
A
B
overall
C
D
Terminal wraparound:
approx 0.007/0,18 both ends
J
F
F
G
H
E
terminal
Recommended
Land Pattern
I
I
Pick and
place
material
Note: Height dimension (C) is before optional solder application. For maximum
height dimension including solder, add 0.006 in / 0,152 mm.
Sample
& buy
Support
& FAQ
Web
page
Tools &
software


Similar Part No. - 0603CS-R12XJRY

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS-R12X COILCRAFT-0603CS-R12X Datasheet
146Kb / 2P
Chip Inductors ??0603CS (1608)
0603CS-R12XGLU COILCRAFT-0603CS-R12XGLU Datasheet
101Kb / 2P
Chip Inductors - 0603CS (1608)
0603CS-R12XGLW COILCRAFT-0603CS-R12XGLW Datasheet
154Kb / 2P
Chip Inductors ??0603CS (1608)
0603CS-R12XGLW COILCRAFT-0603CS-R12XGLW Datasheet
101Kb / 2P
Chip Inductors - 0603CS (1608)
0603CS-R12XL COILCRAFT-0603CS-R12XL Datasheet
101Kb / 2P
Chip Inductors ??0603CS
More results

Similar Description - 0603CS-R12XJRY

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603CS-R15XJLW COILCRAFT-0603CS-R15XJLW Datasheet
154Kb / 2P
Chip Inductors ??0603CS (1608)
0603CT-7N2XGLU COILCRAFT-0603CT-7N2XGLU Datasheet
149Kb / 2P
Chip Inductors ??0603CT (1608)
0603CS-3N6XJLW COILCRAFT-0603CS-3N6XJLW Datasheet
101Kb / 2P
Chip Inductors ??0603CS (1608)
0603LS-681XJBC COILCRAFT-0603LS-681XJBC Datasheet
97Kb / 2P
Chip Inductors ??0603LS (1608)
0603CS-47NXGLU COILCRAFT-0603CS-47NXGLU Datasheet
146Kb / 2P
Chip Inductors ??0603CS (1608)
0603CS-3N3XGLW COILCRAFT-0603CS-3N3XGLW Datasheet
101Kb / 2P
Chip Inductors - 0603CS (1608)
0603HC-7N5XJLW COILCRAFT-0603HC-7N5XJLW Datasheet
104Kb / 2P
Chip Inductors - 0603HC (1608)
0603CS-22NXJLW COILCRAFT-0603CS-22NXJLW Datasheet
101Kb / 2P
Chip Inductors ??0603CS
0603LS-472XJLB COILCRAFT-0603LS-472XJLB Datasheet
150Kb / 2P
Chip Inductors ??0603LS (1608)
0603CS-82NXJLU COILCRAFT-0603CS-82NXJLU Datasheet
146Kb / 2P
Chip Inductors ??0603CS (1608)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com