Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6SMB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P6SMB
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6SMB Datasheet(HTML) 1 Page - Vishay Siliconix

  P6SMB Datasheet HTML 1Page - Vishay Siliconix P6SMB Datasheet HTML 2Page - Vishay Siliconix P6SMB Datasheet HTML 3Page - Vishay Siliconix P6SMB Datasheet HTML 4Page - Vishay Siliconix P6SMB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P6SMB Series
www.vishay.com
Vishay General Semiconductor
Revision: 23-Dec-14
1
Document Number: 88370
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount TRANSZORB®
Transient Voltage Suppressors
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional devices use CA suffix (e.g. P6SMB10CA).
Electrical characteristics apply in both directions.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000 μs waveform, repetitive rate (duty cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMB J-Bend)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant and commercial grade
Base P/NHE3_X - RoHS-compliant and AEC-Q101 qualified
(“_X” denotes revision code e.g. A, B, .....)
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2.
(2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
PRIMARY CHARACTERISTICS
VWM
5.8 V to 459 V
VBR (uni-directional)
6.8 V to 540 V
VBR (bi-directional)
6.8 V to 220 V
PPPM
600 W
PD
5.0 W
IFSM (uni-directional only)
100 A
TJ max.
150 °C
Polarity
Uni-directional, bi-directional
Package
DO-214AA (SMB J-Bend)
DO-214AA (SMB J-Bend)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 μs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TA = 50 °C
PD
5.0
W
Peak forward surge current 8.3 ms single half sine-wave uni-directional only (2)
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
-65 to +150
°C


Similar Part No. - P6SMB

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB TSC-P6SMB Datasheet
69Kb / 4P
Surface Mount Transient Voltage Suppressor
logo
Weitron Technology
P6SMB WEITRON-P6SMB Datasheet
97Kb / 4P
600W Surface Mount Transient Voltage Suppressors
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
600 Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
P6SMB VISHAY-P6SMB Datasheet
112Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
Littelfuse
P6SMB LITTELFUSE-P6SMB Datasheet
143Kb / 5P
Transient Voltage Suppression Diodes
More results

Similar Description - P6SMB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
26-Jan-12
1.5SMC200A-E357T VISHAY-1.5SMC200A-E357T Datasheet
98Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
14-Dec-12
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
13-Dec-12
SMAJ50A VISHAY-SMAJ50A Datasheet
85Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Sep-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
06-Apr-17
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
Surface-Mount TRANSZORB® Transient Voltage Suppressors
19-Apr-2021
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
Surface Mount TRANSZORB® Transient Voltage Suppressors
30-Jun-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com