Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 100Page - STMicroelectronics ST7262 Datasheet HTML 101Page - STMicroelectronics ST7262 Datasheet HTML 102Page - STMicroelectronics ST7262 Datasheet HTML 103Page - STMicroelectronics ST7262 Datasheet HTML 104Page - STMicroelectronics ST7262 Datasheet HTML 105Page - STMicroelectronics ST7262 Datasheet HTML 106Page - STMicroelectronics ST7262 Datasheet HTML 107Page - STMicroelectronics ST7262 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 139 page
background image
104/139
12.4 SUPPLY CURRENT CHARACTERISTICS
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for HALT mode for which the clock
is stopped).
Note 1:
Typical data are based on TA=25°C and not tested in production
Note 2:
Data based on design simulation, not tested in production.
Note 3:
USB Transceiver and ADC are powered down.
Note 4:
Low voltage reset function enabled.
CPU in HALT mode.
Current consumption of external pull-up (1.5Kohms to USBVCC) and pull-down (15Kohms to VSSA)
not included.
Figure 56. Typ. IDD in RUN at 4 and 8 MHz fCPU
Figure 57. Typ. IDD in WAIT at 4 and 8 MHz fCPU
Symbol
Parameter
Conditions
Typ 1)
Max
Unit
∆I
DD(
∆Ta) Supply current variation vs. temperature Constant VDD and fCPU
10
%
IDD
CPU RUN mode
I/Os in input mode.
USB transceiver and
LVD disabled
fCPU = 4 MHz
6
8
mA
fCPU = 8 MHz
8
14
LVD enabled. USB in
Transmission2)
fCPU = 4 MHz
13
18
mA
fCPU = 8 MHz
15
24
mA
CPU WAIT mode2)
I/Os in input mode.
USB transceiver and
LVD disabled
fCPU = 8 MHz
7
12
mA
LVD enabled. USB in
Transmission
fCPU = 8 MHz
14
22
mA
CPU HALT mode3)
with LVD
130
200
µA
without LVD
30
50
USB Suspend mode4)
130
200
µA
IDD(ADC) ADC supply current when converting
fADC=4MHz
10002)
µA
0
2
4
6
8
10
12
3
3.5
4
4.5
5
5.5
6
Vdd (V)
Idd run at
fcpu=4 MHz
Idd run at
fcpu=8 MHz
0
1
2
3
4
5
6
7
8
9
10
123
4
567
Vdd (V)
Idd wfi at fcpu=4
MHz
Idd wfi at fcpu=8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com