Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7262 Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7262
Description  LOW SPEED USB 8-BIT MCU WITH 3 ENDPOINTS, FLASH OR ROM MEMORY, LVD, WDG, 10-BIT ADC, 2 TIMERS, SCI, SPI
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7262 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7262 Datasheet HTML 118Page - STMicroelectronics ST7262 Datasheet HTML 119Page - STMicroelectronics ST7262 Datasheet HTML 120Page - STMicroelectronics ST7262 Datasheet HTML 121Page - STMicroelectronics ST7262 Datasheet HTML 122Page - STMicroelectronics ST7262 Datasheet HTML 123Page - STMicroelectronics ST7262 Datasheet HTML 124Page - STMicroelectronics ST7262 Datasheet HTML 125Page - STMicroelectronics ST7262 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 139 page
background image
122/139
ADC CHARACTERISTICS (Cont’d)
12.12.1 ADC Accuracy
Table 27. fCPU=8 MHz, fADC=4 MHz RAIN< 10kΩ
2)
Notes:
1. Not tested in production, guaranteed by characterization. All accuracy measurements are taken with the MCU in WAIT
mode (no I/O switching) and when adequate low-pass filtering is present (0.1 µF capacitor between VDD/VDDA and VSS/
VSSA). Outside these conditions, a degree of microcontroller noise may result, causing accuracy errors which will vary
based on board layout and the type of CPU activity.
2. ADC Accuracy vs. Negative Injection Current:
Injecting negative current on any of the analog input pins significantly reduces the accuracy of the conversion being per-
formed on another analog input.
For IINJ-=0.8mA, the typical leakage induced inside the die is 1.6µA and the effect on the ADC accuracy is a loss of 4 LSB
for each 10K
Ω increase of the external analog source impedance. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative current. Any positive injection current within the limits spec-
ified for IINJ(PIN) and ΣIINJ(PIN) in Section 12.8 does not affect the ADC accuracy.
Symbol
Parameter
Conditions
Typ
Max
1)
Unit
|ET|
Total unadjusted error
VDD= 4V-5.5V
3
LSB
|EO|
Offset error
12
|EG|
Gain Error
0.7
2
|ED|
Differential linearity error
1.3
2
|EL|
Integral linearity error
2.9
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com