Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FVTO321S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FVTO321S
Description  VOTCXO FOR MOBILE PHONE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FVTO321S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FVTO321S Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC
Supply
Vcc
Output
Vcont
GND
V
mA
#1
#4
0.1μF
Load
Capacitance
10pF
#3
#2
Load
Resistance
10K ohm
DC cut capacitor
Bypass capacitor
Test Point
Vcont input
#2
#1
D
A
#3
#4
F
#1
#2
#3
#4
VCTCXO FOR MOBILE PHONE
手机用温补晶体振荡器
FVTO321S/FVTO531S TYPE
★
DIMENSIONS (Unit: mm)
外形尺寸
★
PARAMETERS
技术参数
PARAMETER
参数
SPECIFICATION 规格
CONDITION 条件
Frequency Range
频率范围
13MHz /19.2MHz/
26MHz
Supply voltage
工作电压 Vcc
2.4~3.0V
Control voltage
控制电压
0~Vcc
Output Waveform
输出波形
Clipped Sine Wave
`
Output Level
输出幅度
0.8 Vp-p
Input Current
输入电流
1.5 mA Max
Operating Temp. Range 工作温度范围
-30~+75
℃
Storage Temp. Range: 储存温度范围
-40~+85
℃
Frequency Adjustment 频率调节
+10~+20ppm
-10~-20ppm
Referenced to Vcont=1.1V
Vcont+1.0V
Vcont-1.0V
Frequency Tolerance
频率偏差
±2.5ppm Max
25℃, After Reflow
Frequency Stability
频率稳定度
vs. Temperature
vs.温度
±2.5ppm Max
Referenced to the mid
point between min.
and max. frequency
vs. Supply Voltage vs.工作电压
±0.3ppm Max
Vcc±5%
vs. Load
vs.负载
±0.2ppm Max
10KΩ//10pF±10%
vs. Aging
vs.老化
±1.0ppm Max
1 Year
Start Up Time
起振时间
4 msec Max
<±2.5ppm
Phase Noise
相位噪声
-110 dBc/Hz Max
100 Hz offset
-130 dBc/Hz Max
1K Hz offset
★
TEST CIRCUIT
测试原理图
☉All specification subject change without notice. 规格变化,恕不另行通知。
FRONTER ELECTRONICS CO., LTD.
深圳市 福浪电 子有限 公司
Address:Rm 1112-1117., Xinian Center. NO. 6021, Shennan Rd. Shenzhen Gaungdong 518040, China Tel:(86)755-83458718 Fax: (86)755-83459818 E-mial: sales@chinafronter.com
Fronter
TCXO
Frequency
Frequency Tolerance
A=1.5ppm
B=2.5ppm
C=5.0ppm
Frequency Stability
A=0.5ppm
B=1.0ppm
C=2.5ppm
Temperature Range
A=0~+70℃
B=-20~+70℃
C=-30~+85℃
Input Voltage
2.4=2.4V
2.8=2.8V
3.0=3.0V
Package:SMD3225
SMD5032
F VTO 26.000 B A C 2.8 SM5S
Pin Assignment
#1
#2
#3
#4
Vcont
GND
Output
Vcc
SMD5032
SMD3225
A
5.0±0.2
3.2±0.2
B
3.2±0.2
2.5±0.2
C
1.5 max
1.2 max
D
3.2
1.8
E
1.7
1.0
F
0.9
0.65
G
0.75
0.6


Similar Part No. - FVTO321S

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
FVTO30IV PREMO-FVTO30IV Datasheet
219Kb / 2P
Three Phase Neutral Filters, Double Stage
More results

Similar Description - FVTO321S

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
Power management LSI for mobile phone
BU7285GU ROHM-BU7285GU Datasheet
447Kb / 8P
Serial Interface for Mobile Phone
logo
Aimtron Technology
AT5560 AIMTRON-AT5560 Datasheet
331Kb / 10P
VCM Driver for Mobile Phone
logo
Rohm
BU8761KV ROHM-BU8761KV Datasheet
71Kb / 4P
CODEC IC for digital mobile phone
logo
Silicon Touch Technolog...
11-MD114 SITI-11-MD114 Datasheet
228Kb / 12P
Motor Driver for Mobile Phone
11-MD115 SITI-11-MD115 Datasheet
261Kb / 17P
VCM Driver for Mobile Phone
11-MD215 SITI-11-MD215 Datasheet
209Kb / 10P
VCM Driver for Mobile Phone
logo
Molex Electronics Ltd.
0475780006 MOLEX6-0475780006 Datasheet
83Kb / 2P
Cover for Mobile Phone Camera Socket
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
Solutions for Mobile Phone Antennas
logo
MOSDESIGN SEMICONDUCTOR...
M09T MOSDESIGN-M09T Datasheet
146Kb / 2P
MOBILE PHONE
2012-07-24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com