Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP Datasheet(PDF) 2 Page - YAGEO Corporation

Part # PSP
Description  Fiberglass Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

PSP Datasheet(HTML) 2 Page - YAGEO Corporation

  PSP Datasheet HTML 1Page - YAGEO Corporation PSP Datasheet HTML 2Page - YAGEO Corporation PSP Datasheet HTML 3Page - YAGEO Corporation PSP Datasheet HTML 4Page - YAGEO Corporation PSP Datasheet HTML 5Page - YAGEO Corporation PSP Datasheet HTML 6Page - YAGEO Corporation PSP Datasheet HTML 7Page - YAGEO Corporation PSP Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Nov. 29, 2024 V.2
Fiberglass Cement Resistors
2
8
Product Specification
PSP
Through Hole Resistors
APPLICATIONS
All general purpose
applications
FEATURES
Fiberglass core, high ohmic
Miniaturization
Vertical terminal
 Flamepro
of ceramic case
RoHS compliant and
halogen free
ORDERING INFORMATION
Part number of the fiberglass cement resistor is identified by the series,
power rating, tolerance, packing, temperature coefficient and resistance
value.
PART NUMBER
PSP
400
J
B
-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(1) SERIES
PSP Series
(2) POWER RATING
400 = 4W
500 = 5W
7WS = 7W
700 = 7W
900 = 9W
11A = 11W
17A = 17W
(3) TOLERANCE
J = ±5%
K = ±10%
(4) PACKAGING
B = Bulk
R = Reel Pack
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) RESISTANCE VALUE
E24 Series
Example:
0R1 = 0.1Ω, 100R = 100Ω, 1K = 1,000Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com