Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # SLR
Description  Cement Resistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SLR Datasheet(HTML) 2 Page - YAGEO Corporation

  SLR Datasheet HTML 1Page - YAGEO Corporation SLR Datasheet HTML 2Page - YAGEO Corporation SLR Datasheet HTML 3Page - YAGEO Corporation SLR Datasheet HTML 4Page - YAGEO Corporation SLR Datasheet HTML 5Page - YAGEO Corporation SLR Datasheet HTML 6Page - YAGEO Corporation SLR Datasheet HTML 7Page - YAGEO Corporation SLR Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.yageo.com
Aug. 12, 2024 V.2
Cement Resistors
2
8
Product Specification
SLR
Through Hole Resistors
APPLICATIONS
Home appliance
Consumer
FEATURES
Ultra miniature size
Current detecting resistors
Flameproof cement case
RoHS compliant and halogen
free
ORDERING INFORMATION
Part number of the cement resistor is identified by the series, power
rating, tolerance, packing, temperature coefficient, resistance value and
type code.
PART NUMBER
SLR
500
J
B
-
0R035
U
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES
SLR Series
(2) POWER RATING
200 = 2W
300 = 3W
500 = 5W
700 = 7W
10A = 10W
(3) TOLERANCE
J = ±5%
K = ±10%
(4) PACKAGING
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec.
(6) RESISTANCE VALUE
Example:
0R035 = 0.035Ω, 0R1 = 0.1Ω, 1R = 1Ω
(7) TYPE CODE
Optional code for different type. .
Example:
Null = Standard type
E = SLR200 & SLR300 / ψd=0.8±0.05mm copper wire
U = SLR500 & SLR700 & SLR10A / ψd=0.6±0.05mm copper wire
C = SLR200 & SLR300 / ψd=0.8±0.05mm CP- wire
W = SLR500 & SLR700 & SLR10A / ψd=0.6±0.05mm CP- wire



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com