Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0824931 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0824931
Description  WMT 8,4 (17X10)R CUS - Cable marker
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0824931 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0824931 Datasheet HTML 1Page - PHOENIX CONTACT 0824931 Datasheet HTML 2Page - PHOENIX CONTACT 0824931 Datasheet HTML 3Page - PHOENIX CONTACT 0824931 Datasheet HTML 4Page - PHOENIX CONTACT 0824931 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Technical data
Product properties
Product type
Labeled conductor marker
Type
Roll
Marking
Number of individual labels per row
2
Mounting
Mounting type
insert
Material specifications
Foil strength
175 µm
Color
white (RAL 9010)
Material
Polyester
Components
free from silicone and halogen
Environmental and real-life conditions
Test for substances that would hinder coating with paint or varnish
Result
Test passed
UV resistance
Specification
ISO 4892-2:2013-03 (following)
Result
Test passed
Test duration
96 h
Ambient conditions
Ambient temperature (operation)
-40 °C ... 120 °C
Recommended storage conditions
23 °C / 50 % relative humidity
Recommended ambient temperature (storage/transport)
23 °C
Recommended humidity (storage/transport)
50 %
Shelf life
2 years
Dimensions
Width
10 mm
Length
44.4 mm
External dimensions
Outside diameter
5 mm ... 8.4 mm
Text field
Text field width
17 mm
Text field height
10 mm
Standards and regulations
WMT 8,4 (17X10)R CUS - Cable marker
0824931
https://www.phoenixcontact.com/us/products/0824931
Jul 15, 2025, 1:16AM
Page 2 (5)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com