Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTP04-2P Datasheet(PDF) 13 Page - TE Connectivity Ltd

Part # DTP04-2P
Description  DT Series Technical Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

DTP04-2P Datasheet(HTML) 13 Page - TE Connectivity Ltd

Back Button DTP04-2P Datasheet HTML 8Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 9Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 10Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 11Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 12Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 13Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 14Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 15Page - TE Connectivity Ltd DTP04-2P Datasheet HTML 16Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DT Series Technical Manual
Accessories
1027-003-1200
1011-026-0205
(Thru Hole)
1027-014-0800
1027-001-0800
1027-004-1200
1027-005-1200
1011-030-0205
(Snap Fit)
1011-027-0805
(Thru Hole)
DT Mounting Clips
Metal Mounting Clips
Metal Mounting Clips
Plastic Mounting Clips
1027-003-1200
1027-005-1200
1027-004-1200
1027-001-0800
1027-014-0800
Part Number
Used On
Material
DTM (all)
DT 2, 3, 4, 6, 12
DTP (all)
DTHD (all)
DTM (all)
DT 2, 3, 4, 6, 12
DTP (all)
DTHD (all)
DTM (all)
DT 2, 3, 4, 6, 12
DTP (all)
DTHD (all)
DT 8 cavity only
DT 8 cavity only
Stainless Steel
Stainless Steel
Stainless Steel
w/Zinc Plating
Stainless Steel
Stainless Steel
w/Zinc Plating
.433 (11.0)
.512 (13.0)
.512 (13.0)
.433 (11.0)
.323 (8.2)
Hole O.D.
in. (mm)
1011-026-0205
1011-027-0805
1011-027-0805
Plastic
Plastic
Plastic
Gray
Gray
Black
Part Number
DTM (all)
DT 2, 3, 4, 6, 12
DTP (all)
DTHD (all)
DT 8 Cavity Only
DTM (all)
DT 2, 3, 4, 6, 12
DTP (all)
DTHD (all)
Used On
Material Color
1011-310-0205
(W/Self Mounting Stud)
13
A STEP AHEAD
DT Series Manual #50907.indd 13
7/31/2008 5:14:38 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com