Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FO-BD6-R-DC Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # FO-BD6-R-DC
Description  SFP direct connection waterproof I/O, Waterproof cap for receptacle
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FO-BD6-R-DC Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  FO-BD6-R-DC Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FO-BD6-R-DC Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FO-BD6-R-DC
Features
SFP direct connection waterproof I/O, Waterproof cap for receptacle
Part Number
FO-BD6-R-DC
Status
Active(NRND)
Waterproof/ Non-waterproof
  
Connector Type
Waterproof cap for receptacle
Applicable Accessory
  
Applicable Product Part
Numbers
FO-BD6-R-B-F,FO-BD6-R-B,FO-BD6-R-S
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Remarks
  
Product Details
Related information
Product Videos


Similar Part No. - FO-BD6-R-DC

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FO-BD6-R-B JAE-FO-BD6-R-B Datasheet
188Kb / 2P
SFP direct connection Input/Output connector, Space-saving compact design, Single-action connection, Wateproof, Bulkhead type Receptacle for panel attachment
FO-BD6-R-S JAE-FO-BD6-R-S Datasheet
148Kb / 2P
SFP direct connection Input/Output connector, Space-saving compact design, Single-action connection, Wateproof, Receptacle for panel attachment
More results

Similar Description - FO-BD6-R-DC

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FB-00RLFJ-LC7-1-R ASSMANN-A-FB-00RLFJ-LC7-1-R Datasheet
70Kb / 1P
WATERPROOF OPTICAL FIBER CONNECTION
A-WP-COVER1-R ASSMANN-A-WP-COVER1-R Datasheet
212Kb / 1P
MIDDLE SIZE WATERPROOF CAP
A-WP-COVER2-R ASSMANN-A-WP-COVER2-R Datasheet
211Kb / 1P
MIDDLE SIZE WATERPROOF CAP
A-WP-COVER4 ASSMANN-A-WP-COVER4 Datasheet
87Kb / 1P
Waterproof Cap
logo
Japan Aviation Electron...
FO-BHW JAE-FO-BHW Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
FO-BD2 JAE-FO-BD2 Datasheet
359Kb / 5P
Waterproof I/O Connector to Make Direct Connection with SFP
FO-BH-W JAE-FO-BH-W Datasheet
339Kb / 23P
Outdoor Use Waterproof I/O Connectors
logo
Laird Tech Smart Techno...
GPSU15M LSTD-GPSU15M Datasheet
606Kb / 1P
Fully waterproof o-ring sealing
logo
PowerDynamics, Inc
3351A-01 POWERDYNAMICS-3351A-01 Datasheet
185Kb / 1P
Waterproof Cap (IP68)
3352A-02 POWERDYNAMICS-3352A-02 Datasheet
279Kb / 1P
Waterproof Cap with Chain (IP68)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com