Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLG4137 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # DLG4137
Description  5 x 7 Dot Matrix Intelligent Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DLG4137 Datasheet(HTML) 4 Page - OSRAM GmbH

  DLG4137 Datasheet HTML 1Page - OSRAM GmbH DLG4137 Datasheet HTML 2Page - OSRAM GmbH DLG4137 Datasheet HTML 3Page - OSRAM GmbH DLG4137 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
Appnote 28
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
4
May 31, 2000-13
Conclusion
Note that although other manufacturers’ products are used in
the examples, this application note does not imply specific
endorsement, or warranty of other manufacturer's products by
OSRAM. The interface schemes shown demonstrate the sim-
plicity of using the DLO4135/DLG4137 dot matrix Intelligent Dis-
Program Listing
1
; BY DAN WATSON
2
; TO DO LAMP TEST, SET 100% BRIGHTNESS
3
; AND WRITE ‘SIEMENS*’
4
5
; P3.0 = BLO\
6
; P3.1 = BL1\
7
; P3.2 = LT\
8
; P3.6 = WR\
9
10
; RO = DIGIT ADDRESS ( CHIP ENABLES – CE\ )
11
; R1 = DIGIT COUNTER
12
; R7 = R6 = R5 = WAIT REGISTERS
13
14
0000
.ORG 00H
15
0000
02 00 03
INIT:JMP BEGIN
16
0003
12 00 24
BEGIN:CALL WAIT1
; DELAY FOR uC TO STABILIZE
17
0006
75 B0 00
MOV P3,#00H
; LAMP TEST
18
0009
12 00 24
CALL WAIT1
; DISPLAY LT\ FOR A WHILE
19
000C
75 B0 07
MOV P3,#07H
; SET ALL 8 DISPLAYS TO 100% BRT
20
000F
00
NOP
21
0010
00
NOP
22
0011
78 00
MOV R0,#00H
; DIGIT 7 ADDRESS
23
0013
79 08
MOV R1,#08H
; 8 DIGIT COUNTER
24
0015
74 00
MOV A,#00H
; CLEAR ACC.
25
0017
90 00 37
MOV DPTR,#TEXT
; ADDRESS OF THE MESSAGE
26
001A
93
WRT:MOVC A,@A+DPTR
; LOAD FIRST CHAR. INTO THE ACC.
27
001B
F2
MOVX @R0,A
; DIGIT ADDRESS AND DATA WRITE
28
001C
A3
INC DPTR
; NEXT CHARACTER ADDRESS
29
001D
08
INC R0
; NEXT DIGIT (6) ADDRESS
30
001E
E4
CLR A
31
001F
D9 F9
DJNZ R1,WRT
; WRITE ALL 8 CHAR.
32
0021
00
GO:NOP
33
0022
01 21
JMP GO
; MESSAGE ALWAYS ON
34
0024
35
0024
36
0024
7F 88
WAIT1:MOV R7,#88H
; DELAY LOOPS
37
0026
00
NOP
38
0027
7E FF
WAIT2:MOV R6,#FFH
39
0029
00
NOP
40
002A
7D FF
WAIT3:MOV R5,#FFH
41
002C
00
NOP
42
002D
DD FE
DJNZ R5,$
43
002F
00
NOP
44
0030
DE F8
DJNZ R6,WAIT3
45
0032
00
NOP
46
0033
DF F2
DJNZ R7,WAIT2
47
0035
00
NOP
48
0036
22
RET
49
50
0037
53 49 45 4D 45
TEXT:DB ‘SIEMENS*’
003C
4E 53 2A
51
003F
52
003F
.END
play. Slight timing differences may be encountered for various
microprocessors, but can be resolved using similar methods as
those used when using interfacing microprocessors with various
RAMs. The techniques used in the examples were shown for
their generality. The user will undoubtedly invent other schemes
to optimize his particular system to its requirements.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com