Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD243X Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PD243X
Description  Alphanumeric Programmable Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD243X Datasheet(HTML) 1 Page - OSRAM GmbH

  PD243X Datasheet HTML 1Page - OSRAM GmbH PD243X Datasheet HTML 2Page - OSRAM GmbH PD243X Datasheet HTML 3Page - OSRAM GmbH PD243X Datasheet HTML 4Page - OSRAM GmbH PD243X Datasheet HTML 5Page - OSRAM GmbH PD243X Datasheet HTML 6Page - OSRAM GmbH PD243X Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
1
May 31, 2000-14
This application note introduces the user to one of the features
of Timer 2 and A/D converter of the SAB 80515/535. Included in
this application note is a description of both the software and
hardware implementations of the SAS 80515/535 to use its
Timer 2 and 8-bit A/D converter for the bidirectional, speed reg-
ulated moving message display. The program listing demon-
strates how the Timer 2 and the 8-bit A/D converter of the SAB
80515/535 can be combined to generate time delays controlled
by analog levels. The hardware circuitry shows an interface of
the SAP 80515/535 with a simulated analog input, a 2 kbyte
EPROM, and intelligent display chips of Siemens used in mem-
ory mapped 1/0 scheme.
The SAB 80515/535 microcontroller with on-chip A/D converter
and a 16-bit Timer (Timer 2) with reload capability offers a solution
which can be applied to a wide range of industrial applications.
These applications vary from analog controlled digital delays to
controlled frequency converters for pulse width modulation.
In the present application example, the above features of the
SAB 80515/535 are used in conjunction to generate the soft-
ware delays. The software delay results in varying the voltage
level of the analog signal applied to the A/D converter of the
SAB 80515/535.
A/D Converter
The SAB 80515/535 provides an 8-bit A/D converter with eight
multiplexed analog input channels on-chip. In addition, the A/D
converter has a sample and hold circuit and offers the feature
of software programmable reference voltages. For the conver-
sion, the method of successive approximation with a capacitor
network is used.
Figure 1 shows a block diagram of the A/D converter. There are
three user-accessible special function registers:
—ADCON (A/D converter control register)
—ADDAT (A/D converter data register)
—DAPR (D/A converter program register) for the programma-
ble reference voltages.
Special function register ADCON is used to select one of the
eight analog input channels to be converted, to specify a single
or continuous conversion, and to check the status bit BSY
which signals whether a conversion is in progress or not.
The special function register ADDAT holds the converted digital
8-bit data result. The data remains in ADDAT until it is overwrit-
ten by the next converted data. The new converted value will
appear in ADDAT in the 15th machine cycle after a conversion
has been started. ADDAT can be read and written to under soft-
ware control. If the A/D converter of the SAB 80515/535 is not
used, register ADDAT can be used as an additional general-pur-
pose register.
The special function register DAPR is provided for program-
ming the internal reference voltages IVAREF and IVAGND. In
the present application DAPR holds a value of 00H. For this
value of DAPR, IVAREF and IVAGND are the same as VAREF
and VAGND respectively.
A/D Conversion
A conversion is started by writing to the special function regis-
ter DAPR. A “Write-to-DAPR” will start a new conversion even
if a conversion is currently in progress. The conversion begins
with the next machine cycle. The busy flag BSY will be set in
the same machine cycle as the “write-to-DAPR” operation
occurs. If the value written to DAPR is 00H, meaning that no
adjustment of the internal reference voltages is desired, the
conversion needs 15 machine cycles to be completed. Thus,
the conversion time is 15 µs for 12 MHz oscillator frequency.
After a conversion has been started by writing into the special
function register DAPR, the analog voltage at the selected input
channel is sampled for 5 machine cycles (5 µs at 12 MHz oscil-
lator frequency), which will then be held at the sampled level
for the rest of the conversion time.
The external analog source must be strong enough to source
the current in order to load the sample & hold capacitance,
being 25 pF, within those 5 machine cycles.
Interfacing the PD243X
Alphanumeric Programmable DisplayTM with the
SAB80515/SAB80535 Microcontroller
To Produce a Bidirectional, Speed Regulated
Moving Message Display by Using the SAB80515/SAB80535's Timer 2 & 8-Bit
Converter
Appnote 49


Similar Part No. - PD243X

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD243X OSRAM-PD243X Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
PD243X OSRAM-PD243X_01 Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - PD243X

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PDSP1880 OSRAM-PDSP1880 Datasheet
873Kb / 15P
Alphanumeric Programmable Display?
logo
List of Unclassifed Man...
QBAD54R1 ETC2-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC2-QBAS50R1 Datasheet
501Kb / 10P
Alphanumeric Display
QBAS80XXZ ETC2-QBAS80XXZ Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC2-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YG1 ETC2-QBASS40YG1 Datasheet
587Kb / 10P
Alphanumeric SMD Display
QBAD54R1 ETC1-QBAD54R1 Datasheet
505Kb / 10P
Alphanumeric Display
QBAS50R1 ETC1-QBAS50R1 Datasheet
468Kb / 10P
Alphanumeric Display
QBAS230R1 ETC1-QBAS230R1 Datasheet
483Kb / 10P
Alphanumeric Display
QBASS40YGZ ETC1-QBASS40YGZ Datasheet
587Kb / 10P
Alphanumeric SMD Display
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com