Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW34FAS Datasheet(PDF) 2 Page - OSRAM GmbH

Part # BPW34FAS
Description  Si-PIN-Fotodiode mit Tageslichtsperrfilter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34FAS Datasheet(HTML) 2 Page - OSRAM GmbH

  BPW34FAS Datasheet HTML 1Page - OSRAM GmbH BPW34FAS Datasheet HTML 2Page - OSRAM GmbH BPW34FAS Datasheet HTML 3Page - OSRAM GmbH BPW34FAS Datasheet HTML 4Page - OSRAM GmbH BPW34FAS Datasheet HTML 5Page - OSRAM GmbH BPW34FAS Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2004-03-10
2
BPW 34 FA, BPW 34 FAS, BPW 34 FAS (R18R)
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40 … + 100
°C
Sperrspannung
Reverse voltage
V
R
V
R (t <2 min)
16
32
V
V
Verlustleistung,
T
A = 25 °C
Total power dissipation
P
tot
150
mW
Kennwerte (
T
A = 25 °C, λ = 870 nm)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Fotostrom
Photocurrent
V
R = 5 V, Ee = 1 mW/cm
2
I
p
50 (
≥ 40)
µA
Wellenlänge der max. Fotoempfindlichkeit
Wavelength of max. sensitivity
λ
S max
880
nm
Spektraler Bereich der Fotoempfindlichkeit
S = 10% von S
max
Spectral range of sensitivity
S = 10% of S
max
λ
730 … 1100
nm
Bestrahlungsempfindliche Fläche
Radiant sensitive area
A
7.00
mm
2
Abmessung der bestrahlungsempfindlichen
Fläche
Dimensions of radiant sensitive area
L
× B
L
× W
2.65
× 2.65
mm
× mm
Halbwinkel
Half angle
ϕ± 60
Grad
deg.
Dunkelstrom,
V
R = 10 V
Dark current
I
R
2 (
≤ 30)
nA
Spektrale Fotoempfindlichkeit
Spectral sensitivity
Sλ
0.65
A/W
Quantenausbeute
Quantum yield
η
0.93
Electrons
Photon
Leerlaufspannung,
E
e = 0.5 mW/cm
2
Open-circuit voltage
V
O
320 (
≥ 250)
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com