Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FEB-R Datasheet(PDF) 19 Page - Zentrum Mikroelektronik Dresden AG

Part # ZSC31150FEB-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG

ZSC31150FEB-R Datasheet(HTML) 19 Page - Zentrum Mikroelektronik Dresden AG

Back Button ZSC31150FEB-R Datasheet HTML 15Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 16Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 17Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 18Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 19Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 20Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 21Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 22Page - Zentrum Mikroelektronik Dresden AG ZSC31150FEB-R Datasheet HTML 23Page - Zentrum Mikroelektronik Dresden AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 31, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.07
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
19 of 24
Figure 3.2:
Bridge in Voltage Mode, External Thermistor
Figure 3.3:
Bridge in Current Mode, Temperature Measurement via Bridge TC
Serial Interface
Sensor Bridge
SDA
SCL
Out / OWI
GND
VSUPP
C3
47nF
+4.5V to +5.5V
2
1
3
4
6
5
7
14
13
11
12
10
VDDA
VSSA
SDA
SCL
n.c.
VDD
VDDE
IRTEMP
VBR_T
VBP
VBR_B
VBN
AOUT
VSSE
9
8
C2
100nF
C1
100nF
*
C4*
RIBR
C4 and C5 need to be
connected to VBR_B in
case of using current
mode, since VBR_B and
VSSA aren’t shorted in
this case.
C5*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com