Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII504 Datasheet(PDF) 2 Page - Silicon image

Part # SII504
Description  Digital Video Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII504 Datasheet(HTML) 2 Page - Silicon image

  SII504 Datasheet HTML 1Page - Silicon image SII504 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SiI 504 Features
General
• Highly Integrated Design: Deinterlacer,
Horizontal Scaler, Color Lookup Table,
Memory Controller, Color Space
Converter, LCD/CRT Controller
• Advanced Video Processor Architecture
with real-time computation at more than
6 Billion arithmetic operations per second
• Standard host interfaces: serial bus
(I2C-compatible) or 16-bit parallel bus
(186 compatible)
• No programming needed for standard
applications
• Simple Memory Configuration: on-chip
memory controller supports dual 1Mx16
or single 2Mx32 SDRAM(s)
Deinterlacer
• Advanced Cubic Interpolating Deinterlacer
• Four-Field Processing provides high-
performance, motion-adaptive image
enhancement
• Diagonal processor reduces jaggies
Source A daptive Processing
• Automatic, seamless detection of video
sources: distinguishes film (for both
60Hz and 50Hz standards), video and
graphics (30Fps) source masters for
optimized processing
• Advanced source transition management
provides smooth transitions between
source types
Input
• Supports either 60 Hz, 525-line (NTSC)
and 50 Hz, 625-line (PAL/SECAM)
signals
• Parallel digital ITU-R BT.656 or 8/16-bit
(BT.601) data with H/V syncs is
compatible with almost all video and
MPEG decoders
Output
• 8 or 10 bits/component/pixel, 27MHz
pixel clock, 31.5KHz HSync rate
• Integrated Color Lookup Table with
10-bit color output dynamic range.
Supports adjustment of output
brightness, contrast, gamma, hue,
color temperature
• Built-in colorspace converter provides
selectable output colorspace:
RGB, YCbCr 4:4:4 or YCbCr 4:2:2
• Direct Interface to TFT-LCD Panels
–Supports 18-bit and 24-bit data
interfaces with special features including
dithering and dynamic range expansion
• Direct interface to 24 and 30-bit video
D-to-A converters to drive progressive-
scan CRTs or YPbPr outputs
• Multiple Output Formats
- 720 pixels/line delivers highest resolution
- High-quality scaling to 640 pixels/line
(VGA resolution)
- ‘Squeeze’ mode centers 4:3 source
within a 16:9 output frame
• Power Sequencing Control for LCD panels
Environmental
• 1.8V for core
• 3.3V for I/O with 5V tolerance
• Maximum power consumption 350mW
• EIAJ-Standard 208-pin PQFP package
Silicon Image’ s
SiI 504 Starter K it
The CP504DVI Starter Kit includes all of the
hardware and documentation needed to
quickly bring to market new SiI 504-based
applications. The CP504DVI kit is designed to
assist developers of video source devices such
as progressive scan DVD players and set-top
boxes as well as display applications such as
televisions, projectors and LCD video
monitors.
Contents include:
Hardw are
• SiI 504 starter kit board
• Power supply and cables
Documentation
• SiI 504 starter kit user’s guide
• SiI 504 datasheet
• Reference schematics
• Application notes
© 2001 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, DVDO, the DVDO logo, Image Enhancement Engine and
PureProgressive are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries. Other trademarks are
the property of their respective holders. Product specifications are subject to change without notice. Printed in the U.S.A. 8/00 SiI PB-0004
Part Number - SiI504CM 208
Silicon Image, Inc.
1060 E. A rques, Sunnyvale, CA
94085
T
408.616.4000
F
408.830.9530
w w w .siimage.com
Field
Data
Serial Audio
Output
SDRAM Control,
Address, and Data
Progressive
Video Output
Configuration Register Outputs
27 M Hz
M aster Clock
Host
Interface
Serial or
parallel bus
Interlaced
Video Input
Serial Audio
Input
Clock
Generation
V ideo
Output
Field
Data
Frame
Data
Frame
Data
V ideo
Input
A udio
Data
A udio/
V ideo
Sync
Deinterlace
Processor
M emory Controller
The SiI 504
Digital V ideo Processor
4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com